Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP808TELTV Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części TLP808TELTV
Szczegółowy opis  8-outlet, 8-ft cord, 2160 joule, RJ11 and coaxial protection - Protect It! Surge Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

TLP808TELTV Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  TLP808TELTV Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP808TELTV Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP808TELTV Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP808TELTV Datasheet HTML 4Page - List of Unclassifed Manufacturers TLP808TELTV Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OUTPUT
Frequency compatibility
50 / 60 Hz
Output watts
1800
Circuit Breaker (amps)
15
Outlet quantity / type
8 NEMA 5-15R
Transformer accommodation
Supports 3 large transformer plug accessories without covering remaining outlets, accepts up to 6 transformers total
Outlet safety covers
Includes built-in sliding outlet safety covers
Outlet orientation
Single row of 5, plus a second row of 3 for transformer accommodation
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
120V (110-125V)
Input connection type
NEMA 5-15P
Input plug features
Space-saving right angle input plug
Input cord length (ft.)
8
Input cord length (m)
2.44
Input cord gauge, type
14 gauge, SJT
Voltage compatibility (VAC)
120
Maximum Surge Amps
144000
LEDS ALARMS & SWITCHES
Switches
Combination AC circuit breaker and 2 position red illuminated on/off power switch
Diagnostic LEDs
Built-in LEDs confirm suppressor "protection present" (green) and "grounded" (red) status
SURGE / NOISE SUPPRESSION
AC suppression joule rating
2160
AC suppression response time
< 1 ns
Protection modes
Includes full normal mode (H-N) and common mode (N-G / H-G) line surge suppression
Clamping voltage (RMS)
150
UL1449 let through rating
330/400/400
EMI / RFI filtering
Up to 40 dB
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection Details
1 line
Cable (Coax) Protection
Yes
2 / 4


Podobny numer części - TLP808TELTV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TLP808TEL ETC2-TLP808TEL Datasheet
510Kb / 5P
   8-outlet, 8-ft cord, 2160 joule with modem/fax protection - Protect It! Surge Suppressor
More results

Podobny opis - TLP808TELTV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TLP808TEL ETC2-TLP808TEL Datasheet
510Kb / 5P
   8-outlet, 8-ft cord, 2160 joule with modem/fax protection - Protect It! Surge Suppressor
TLP808 ETC2-TLP808 Datasheet
507Kb / 5P
   8-outlet, 8-ft cord, 1440 joule - Protect It! Surge Suppressor
SUPER7 ETC2-SUPER7 Datasheet
487Kb / 4P
   7 outlet, 7-ft cord, 2160 joule strip - Protect It! Surge Suppressor
SUPER6TEL ETC2-SUPER6TEL Datasheet
490Kb / 5P
   7-outlet, 6-ft cord, 1080 joule strip, RJ11 protection - Protect It! Surge Suppressor
SUPER7B ETC2-SUPER7B Datasheet
511Kb / 4P
   7 outlet, 7-ft cord, 2160 joule black strip - Protect It Surge Suppressor
TLP604TEL ETC2-TLP604TEL Datasheet
505Kb / 5P
   6-outlets, 4-ft cord, 790 joule strip, RJ11 protection - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP1208TEL TRIPPLITE-TLP1208TEL Datasheet
176Kb / 4P
   Protect It! 12-Outlet Surge Protector, 8-ft. Cord, 2160 Joules, Tel/Modem Protection
logo
List of Unclassifed Man...
TLP606 ETC2-TLP606 Datasheet
493Kb / 4P
   6-outlet, 6-ft cord, 790 joule strip - Protect It! Surge Suppressor
TLP604 ETC2-TLP604 Datasheet
496Kb / 4P
   6 outlet, 4-ft cord, 790 joule strip - Protect It! Surge Suppressor
SK6-6 ETC2-SK6-6 Datasheet
484Kb / 4P
   8-Outlet, Protect It! Surge Suppressor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com