Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP808TELTV Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części TLP808TELTV
Szczegółowy opis  8-outlet, 8-ft cord, 2160 joule, RJ11 and coaxial protection - Protect It! Surge Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

TLP808TELTV Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  TLP808TELTV Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP808TELTV Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP808TELTV Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP808TELTV Datasheet HTML 4Page - List of Unclassifed Manufacturers TLP808TELTV Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Cable (Coax) Protection Details
1 line
Network (Ethernet) Protection
No
PHYSICAL
Shipping Dimensions (HWD/in)
11.41 x 8.66 x 2.04
Shipping Dimensions (HWD/cm)
28.98 x 22.00 x 5.18
Shipping weight (lbs)
2
Shipping weight (kg)
0.91
Unit Dimensions (HWD/in)
4.86 x 9.55 x 1.51
Unit Dimensions (HWD/cm)
12.34 x 24.26 x 3.84
Unit weight (lbs)
1.9
Unit weight (kg)
0.86
Material of construction
Plastic
Integrated keyhole mounting tabs
Keyhole mounting tabs enable wall mounting
Housing Color
Dark Gray
Receptacle Color
Dark Gray
AC line cord color
Dark Gray
Style
Strip
Outlets center to center
measurement
Distance between standard outlets = 28.5mm; Distance between transformer outlets = 57mm
Keyhole slot center to center
measurement
Distance between horizontal tabs = 75mm; Distance between vertical tabs = 41.6mm
SPECIAL FEATURES
Additional Information
Pair of phone line output jacks serve as a line splitter to enable the protection of two devices sharing a single dialup
phone line
Right-Angle Plug
Yes
CERTIFICATIONS
UL1449 3rd Edition (AC
Suppression)
UL1449 3RD EDITION
UL1363 (Power Tap)
UL1363
UL497A (Communications)
UL497A
FCC Part 68 (Communications)
FCC Part 68
cUL / CSA (Canada)
cUL
Industry Canada (Communications)
Industry Canada
Approvals
Exceeds IEEE 587 category A&B specifications
3 / 4


Podobny numer części - TLP808TELTV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TLP808TEL ETC2-TLP808TEL Datasheet
510Kb / 5P
   8-outlet, 8-ft cord, 2160 joule with modem/fax protection - Protect It! Surge Suppressor
More results

Podobny opis - TLP808TELTV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TLP808TEL ETC2-TLP808TEL Datasheet
510Kb / 5P
   8-outlet, 8-ft cord, 2160 joule with modem/fax protection - Protect It! Surge Suppressor
TLP808 ETC2-TLP808 Datasheet
507Kb / 5P
   8-outlet, 8-ft cord, 1440 joule - Protect It! Surge Suppressor
SUPER7 ETC2-SUPER7 Datasheet
487Kb / 4P
   7 outlet, 7-ft cord, 2160 joule strip - Protect It! Surge Suppressor
SUPER6TEL ETC2-SUPER6TEL Datasheet
490Kb / 5P
   7-outlet, 6-ft cord, 1080 joule strip, RJ11 protection - Protect It! Surge Suppressor
SUPER7B ETC2-SUPER7B Datasheet
511Kb / 4P
   7 outlet, 7-ft cord, 2160 joule black strip - Protect It Surge Suppressor
TLP604TEL ETC2-TLP604TEL Datasheet
505Kb / 5P
   6-outlets, 4-ft cord, 790 joule strip, RJ11 protection - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP1208TEL TRIPPLITE-TLP1208TEL Datasheet
176Kb / 4P
   Protect It! 12-Outlet Surge Protector, 8-ft. Cord, 2160 Joules, Tel/Modem Protection
logo
List of Unclassifed Man...
TLP606 ETC2-TLP606 Datasheet
493Kb / 4P
   6-outlet, 6-ft cord, 790 joule strip - Protect It! Surge Suppressor
TLP604 ETC2-TLP604 Datasheet
496Kb / 4P
   6 outlet, 4-ft cord, 790 joule strip - Protect It! Surge Suppressor
SK6-6 ETC2-SK6-6 Datasheet
484Kb / 4P
   8-Outlet, Protect It! Surge Suppressor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com