Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LAT-42-707-10 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części LAT-42-707-10
Szczegółowy opis  Label Index by Size
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

LAT-42-707-10 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  LAT-42-707-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
128
www.bradyid.com
Label Index by Size
LASER LABELS
LAT-26-652-10
Laser Printable
Package Quantity, 10,000
Technology
Die # 26, 0.250 x 0.2 50
Material B-652, Amber
Rating Plate
Polyimide
Tedlar ® is a registered trademark of DuPont.
Note: Labels in chart are sorted in order by width, height, 3 digit material number (within part number), then die number (within part number).
PART NUMBER EXPLANATION:
Most Brady part numbers for computer printable labels follow the same four-part format:
The first code indicates the technology, the second part is a number indicating the die size used
(where applicable), the third part indicates the Brady material used (where applicable), and the final
code indicates package quantity.
PRINTERS LEAD EDGE IN DIRECTION OF ARROWS
BRADY LASERTAB™ MARKERS
PRINTERS LEAD EDGE IN DIRECTION OF ARROWS
BRADY LASERTAB™ MARKERS
C
D
E
B
A
PRINTERS LEAD EDGE IN DIRECTION OF ARROWS
BRADY LASERTAB™ MARKERS
PRINTERS LEAD EDGE IN DIRECTION OF ARROWS
BRADY LASERTAB™ MARKERS
C
D
E
B
A
PRINTERS LEAD EDGE IN DIRECTION OF ARROWS
BRADY LASERTAB™ MARKERS
(Layout for LAT-1 and LAT-26 only)
(Layout for LAT-60 and LAT-61 only)
Label
Label
Horizontal
Top
Left
Pieces
Labels
Width
Height
Repeat
Margin
Margin
Labels
Part
Per
Per
Inch (mm)
Inch (mm)
Inch (mm)
Inch (mm)
Inch (mm)
Per
Number
Package
Material
Color
Row
A
B
C
D
E
Sheet
0.250 Label Width
LAT-26-652-10
10,000
Polyimide
Amber
26
0.250 (6.35)
0.250 (6.35)
0.600 (15.24)
0.875 (22.23)
0.400 (10.16)
936
LAT-26-747-10
10,000
Polyester
White
26
0.250 (6.35)
0.250 (6.35)
0.600 (15.24)
0.875 (22.23)
0.400 (10.16)
936
0.300 Label Width
LAT-1-652-10
10,000
Polyimide
Amber
22
0.300 (7.62)
0.250 (6.35)
0.700 (17.78)
0.875 (22.23)
0.450 (11.43)
836
LAT-1-747-10
10,000
Polyester
White
22
0.300 (7.62)
0.250 (6.35)
0.700 (17.78)
0.875 (22.23)
0.450 (11.43)
836
0.375 Label Width
LAT-2-652-10
10,000
Polyimide
Amber
16
0.375 (9.53)
0.375 (9.53)
0.500 (12.70)
0.875 (22.23)
0.313 (7.95)
400
LAT-2-747-10
10,000
Polyester
White
16
0.375 (9.53)
0.375 (9.53)
0.500 (12.70)
0.875 (22.23)
0.313 (7.95)
400
0.500 Label Width
LAT-45-707-10
10,000
Polyester
White
13
0.500 (12.70) 0.375 (9.53)
0.600 (15.24)
0.875 (22.23)
0.400 (10.16)
325
LAT-45-712-10
10,000
Polyester
Clear
13
0.500 (12.70) 0.375 (9.53)
0.600 (15.24)
0.875 (22.23)
0.400 (10.16)
325
LAT-25-652-10
10,000
Polyimide
Amber
13
0.500 (12.70) 0.437 (11.10)
0.600 (15.24)
0.875 (22.23)
0.400 (10.16)
286
LAT-25-709-10
10,000
Removable
White
13
0.500 (12.70) 0.437 (11.10)
0.600 (15.24)
0.875 (22.23)
0.400 (10.16)
286
Polyester
LAT-25-747-10
10,000
Polyester
White
13
0.500 (12.70) 0.437 (11.10)
0.600 (15.24)
0.875 (22.23)
0.400 (10.16)
286
LAT-46-707-10
10,000
Polyester
White
13
0.500 (12.70) 0.500 (12.70) 0.600 (15.24)
0.875 (22.23)
0.400 (10.16)
247
LAT-46-712-10
10,000
Polyester
Clear
13
0.500 (12.70) 0.500 (12.70) 0.600 (15.24)
0.875 (22.23)
0.400 (10.16)
247
LAT-61-799-2.5
2,500
Nylon Cloth White
12
0.500 (12.70) 0.500 (12.70) 0.600 (15.24)
0.875 (22.23)
0.700 (17.78)
192
LAT-40-799-1,-5
1,000/5,000
Nylon Cloth White
13
0.500 (12.70) 0.750 (19.05)
0.600 (15.24)
0.875 (22.23)
0.400 (10.16)
156
LAT-38-799-1,-2.5
1,000/2,500
Nylon Cloth White
13
0.500 (12.70) 1.437 (36.50) 0.600 (15.24)
0.875 (22.23)
0.300 (7.62)
78
0.560 Label Width
LAT-42-707-10
10,000
Polyester
Clear
17
0.560 (14.22) 0.560 (14.22) 0.700 (17.78)
0.875 (22.23)
0.470 (11.94)
187
LAT-42-712-10
10,000
Polyester
Clear
17
0.560 (14.22) 0.560 (14.22) 0.700 (17.78)
0.875 (22.23)
0.470 (11.94)
187
0.650 Label Width
LAT-3-410-10
10,000
Polyolefin
White
10
0.650 (16.51)
0.250 (6.35)
0.800 (20.32)
0.875 (22.23)
0.325 (8.26)
380
LAT-3-652-10
10,000
Polyimide
Amber
10
0.650 (16.51)
0.250 (6.35)
0.800 (20.32)
0.875 (22.23)
0.325 (8.26)
380
LAT-3-747-10
10,000
Polyester
White
10
0.650 (16.51)
0.250 (6.35)
0.800 (20.32)
0.875 (22.23)
0.325 (8.26)
380
LAT-29-652-10
10,000
Polyimide
Amber
10
0.650 (16.51)
0.200 (5.08)
0.800 (20.32)
0.875 (22.23)
0.325 (8.26)
480
LAT-29-737-10
10,000
Tedlar®
White
10
0.650 (16.51)
0.200 (5.08)
0.800 (20.32)
0.875 (22.23)
0.325 (8.26)
480
LAT-29-747-10-YL
10,000
Polyester
Yellow
10
0.650 (16.51)
0.200 (5.08)
0.800 (20.32)
0.875 (22.23)
0.325 (8.26)
480
LAT-29-747-10
10,000
Polyester
White
10
0.650 (16.51)
0.200 (5.08)
0.800 (20.32)
0.875 (22.23)
0.325 (8.26)
480
LAT-29-799-10
10,000
Nylon Cloth White
10
0.650 (15.51)
0.200 (5.08)
0.800 (20.32)
0.875 (22.23)
0.325 (8.26)
480


Podobny numer części - LAT-42-707-10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
LAT-4++ MINI-LAT-4+ Datasheet
303Kb / 1P
   DC to 2.5GHz
logo
List of Unclassifed Man...
LAT-45-707-10 ETC2-LAT-45-707-10 Datasheet
68Kb / 1P
   Label Index by Size
LAT-45-712-10 ETC2-LAT-45-712-10 Datasheet
68Kb / 1P
   Label Index by Size
LAT-46-707-10 ETC2-LAT-46-707-10 Datasheet
68Kb / 1P
   Label Index by Size
LAT-46-712-10 ETC2-LAT-46-712-10 Datasheet
68Kb / 1P
   Label Index by Size
More results

Podobny opis - LAT-42-707-10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
LAT-29-747-10 ETC2-LAT-29-747-10 Datasheet
68Kb / 1P
   Label Index by Size
logo
PHOENIX CONTACT
1309765 PHOENIX-1309765 Datasheet
48Kb / 2P
   Label - EV-LABEL-L
1315521 PHOENIX-1315521 Datasheet
47Kb / 2P
   Label - EV-LABEL-C-SO
logo
Glenair, Inc.
MS20030 GLENAIR-MS20030 Datasheet
59Kb / 1P
   Military Standard Connector Index
logo
Roithner LaserTechnik G...
ERYF ROITHNER-ERYF Datasheet
285Kb / 4P
   Special UV-Index Sensor
logo
Glenair, Inc.
MS3100 GLENAIR-MS3100 Datasheet
59Kb / 1P
   Military Standard Connector Index
M83723-20 GLENAIR-M83723-20 Datasheet
58Kb / 1P
   Military Standard Connector Index
M83723-94 GLENAIR-M83723-94 Datasheet
58Kb / 1P
   Military Standard Connector Index
MS3400 GLENAIR-MS3400 Datasheet
60Kb / 1P
   Military Standard Connector Index
logo
Roithner LaserTechnik G...
RLT808-10MG ROITHNER-RLT808-10MG Datasheet
155Kb / 1P
   index guided mqw structure
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com