Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD5810-F085 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FDD5810-F085
Szczegółowy opis  N-Channel Logic Level Trench MOSFET 60V, 36A, 27m
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5810-F085 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FDD5810-F085 Datasheet HTML 1Page - Fairchild Semiconductor FDD5810-F085 Datasheet HTML 2Page - Fairchild Semiconductor FDD5810-F085 Datasheet HTML 3Page - Fairchild Semiconductor FDD5810-F085 Datasheet HTML 4Page - Fairchild Semiconductor FDD5810-F085 Datasheet HTML 5Page - Fairchild Semiconductor FDD5810-F085 Datasheet HTML 6Page - Fairchild Semiconductor FDD5810-F085 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©2006 Fairchild Semiconductor Corporation
FDD5810 Rev. A (W)
October 2007
www.fairchildsemi.com
1
FDD5810
N-Channel Logic Level Trench® MOSFET
60V, 36A, 27m
Ω
Features
RDS(ON) = 22mΩ (Typ.), VGS = 5V, ID = 29A
Qg(5) = 13nC (Typ.), VGS = 5V
Low Miller Charge
Low Qrr Body Diode
UIS Capability (Single Pulse / Repetitive Pulse)
Qualified to AEC Q101
RoHS Compliant
Applications
Motor / Body Load Control
ABS Systems
Powertrain Management
Injection System
DC-DC converters and Off-line UPS
Distributed Power Architecture and VRMs
Primary Switch for 12V and 24V systems
G
S
D
TO-252
D-PAK
(TO-252)
D
G
S
A D
F R E E I


Podobny numer części - FDD5810-F085

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FDD5810-F085 ONSEMI-FDD5810-F085 Datasheet
350Kb / 8P
   N-Channel Logic Level Trench짰MOSFET
September-2017,Rev.1
More results

Podobny opis - FDD5810-F085

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD5810 FAIRCHILD-FDD5810_10 Datasheet
229Kb / 7P
   N-Channel Logic Level Trench짰 MOSFET 60V, 36A, 27m"||" "474244
Wolfson AudioPlus??Stereo CODEC with Power Managem
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0_11 Datasheet
861Kb / 8P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 36A, 24m廓
FDC855N FAIRCHILD-FDC855N Datasheet
278Kb / 6P
   Single N-Channel, Logic Level, PowerTrench짰 MOSFET 30V, 6.1A, 27m廓
FDB24AN06LA0 FAIRCHILD-FDB24AN06LA0 Datasheet
248Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 36A, 24mohm
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0 Datasheet
226Kb / 11P
   N CHANNEL LOGIC LEVEL POWER TRENCH MOSFET
logo
MagnaChip Semiconductor...
MDD1754 MGCHIP-MDD1754 Datasheet
678Kb / 6P
   N-Channel Trench MOSFET, 40V, 20.5A, 27m(ohm)
logo
Fairchild Semiconductor
FDD26AN06A0 FAIRCHILD-FDD26AN06A0_11 Datasheet
876Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 36A, 26m廓
FDMC6296 FAIRCHILD-FDMC6296 Datasheet
274Kb / 7P
   Single N-Channel Logic-Level Power Trench MOSFET
FQB20N06L FAIRCHILD-FQB20N06L Datasheet
680Kb / 9P
   60V LOGIC N-Channel MOSFET
FQP20N06L FAIRCHILD-FQP20N06L Datasheet
673Kb / 8P
   60V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com