Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP707TEL Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części TLP707TEL
Szczegółowy opis  7 outlet, 7-ft cord, 1080 joules, tel/modem protection - Protect It! Surge Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

TLP707TEL Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  TLP707TEL Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP707TEL Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP707TEL Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP707TEL Datasheet HTML 4Page - List of Unclassifed Manufacturers TLP707TEL Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UL1449 let through rating
400V
EMI / RFI filtering
Up to 20dB
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
Yes
Telephone/DSL Protection Details
1 line
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
PHYSICAL
Shipping Dimensions (HWD/in)
12.40 x 4.92 x 2.25
Shipping Dimensions (HWD/cm)
31.50 x 12.50 x 5.72
Shipping weight (lbs)
1.41
Shipping weight (kg)
0.64
Unit Dimensions (HWD/in)
1.97 x 1.61 x 10.91
Unit Dimensions (HWD/cm)
5.00 x 4.09 x 27.71
Unit weight (lbs)
1.25
Unit weight (kg)
0.57
Material of construction
Plastic
Housing Color
Metallic Silver
Receptacle Color
Gray
AC line cord color
Black
Style
Strip
Form factors supported
Supports floor / desktop placement
Outlets center to center
measurement
Transformer Side Spacing = 61.8mm; Standard Outlet Side Spacing = 25.4mm
SPECIAL FEATURES
Appearance
Unique on-end suppressor format supports the connection of up to 3 large transformer plugs on one side and 4
additional straight input plugs on the other.
Right-Angle Plug
Yes
CERTIFICATIONS
UL1449 3rd Edition (AC
Suppression)
UL1449 3RD EDITION
UL1363 (Power Tap)
UL1363
UL497A (Communications)
UL497A
FCC Part 68 (Communications)
FCC Part 68
3 / 4


Podobny numer części - TLP707TEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
   TOSHIBA Photocoupler GaAAs IRED Photo IC
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700A TOSHIBA-TLP700A Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700H TOSHIBA-TLP700H Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
More results

Podobny opis - TLP707TEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SUPER7TEL ETC2-SUPER7TEL Datasheet
502Kb / 5P
   7-outlet, 7-ft cord, 2520 joules, Modem/Fax Protection Protect It! Surge Suppressor
TLP810NET ETC2-TLP810NET Datasheet
514Kb / 5P
   8-outlet, 10-ft cord, 3240 joules, Tel/Modem, Ethernet, Coaxial protection - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP1208TEL TRIPPLITE-TLP1208TEL Datasheet
176Kb / 4P
   Protect It! 12-Outlet Surge Protector, 8-ft. Cord, 2160 Joules, Tel/Modem Protection
logo
List of Unclassifed Man...
STRIKER ETC2-STRIKER Datasheet
484Kb / 4P
   7 outlet, 6-ft cord, 1080 joule strip - Protect It! Surge Suppressor
SUPER6TEL ETC2-SUPER6TEL Datasheet
490Kb / 5P
   7-outlet, 6-ft cord, 1080 joule strip, RJ11 protection - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP66NET TRIPPLITE-TLP66NET Datasheet
129Kb / 3P
   6-outlet, 6ft cord, 1080 joules, RJ45 protection - Protect It! Surge Suppressor
logo
List of Unclassifed Man...
TLP712B ETC2-TLP712B Datasheet
480Kb / 4P
   7 outlet, 12-ft cord, 1080 joule, black strip - Protect It! Surge Suppressor
SUPER7 ETC2-SUPER7 Datasheet
487Kb / 4P
   7 outlet, 7-ft cord, 2160 joule strip - Protect It! Surge Suppressor
TLP810SAT ETC2-TLP810SAT Datasheet
518Kb / 5P
   8 outlet, 10-ft cord, 3240 joules, Coax/Modem/Fax protection - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP74RB TRIPPLITE-TLP74RB Datasheet
102Kb / 3P
   7 outlet black strip, 540 joules Protect It! Surge Suppressor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com