Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Q2016LH4 Arkusz danych(PDF) 9 Page - List of Unclassifed Manufacturers

Numer części Q2016LH4
Szczegółowy opis  Alternistor Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

Q2016LH4 Arkusz danych(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button Q2016LH4 Datasheet HTML 2Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 3Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 4Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 5Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 6Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 7Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 8Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 9Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheets
Alternistor Triacs
©2004 Littelfuse, Inc.
E4 - 9
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Figure E4.13 Power Dissipation (Typical) versus On-state Current
(6 A to 12 A)
Figure E4.14 Power Dissipation (Typical) versus On-state Current
(16 A)
Figure E4.15 Power Dissipation (Typical) versus On-state Current
(25 A to 40 A)
Figure E4.16 Maximum Allowable Ambient Temperature versus
On-state Current
0123456789
10 11 12 13 14 15 16
0
2
4
6
8
10
12
14
16
18
RMS On-state Current [l
T(RMS)] – AmpsS
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
˚
6A to 12A Devices
02
46
8
10
12
14
16
0
2
4
6
8
10
12
14
16
18
RMS On-state Current [IT(RMS)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or inductive
CONDUCTION ANGLE: 360˚
16A Devices
012
20
28
36
4
16
24
32
40
8
0
5
10
15
20
25
30
35
40
45
RMS On-State Current [IT(RMS)]—Amps
25 A
40 A
Current Waveform: Sinusoidal
Load: Resistive or Inductive
Conduction Angle: 360˚
30 A and
35 A Devices
120
100
80
60
40
25
20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TO-220 Devices
RMS On-state Current [IT (RMS)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
˚
FREE AIR RATING – NO HEATSINK
TO-251 Devices


Podobny numer części - Q2016LH4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
Q2016LH4 LITTELFUSE-Q2016LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
More results

Podobny opis - Q2016LH4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Teccor Electronics
Q2006RH4 TECCOR-Q2006RH4 Datasheet
536Kb / 7P
   Alternistor Triacs?
logo
Littelfuse
QJ8012XHX LITTELFUSE-QJ8012XHX Datasheet
596Kb / 8P
   12 Amp High Temperature Alternistor Triacs
HQ6025XH5 LITTELFUSE-HQ6025XH5 Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
QJXX25XHX LITTELFUSE-QJXX25XHX Datasheet
583Kb / 9P
   25 Amp High Temperature Alternistor Triacs
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
   16 A High Temperature Alternistor Triacs
07/05/22
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
Q4010N5RP LITTELFUSE-Q4010N5RP Datasheet
967Kb / 9P
   10 Amp Standard & Alternistor (High Communitation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com