Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM6T75AY Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części SM6T75AY
Szczegółowy opis  Automotive 600 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T75AY Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button SM6T75AY Datasheet HTML 4Page - STMicroelectronics SM6T75AY Datasheet HTML 5Page - STMicroelectronics SM6T75AY Datasheet HTML 6Page - STMicroelectronics SM6T75AY Datasheet HTML 7Page - STMicroelectronics SM6T75AY Datasheet HTML 8Page - STMicroelectronics SM6T75AY Datasheet HTML 9Page - STMicroelectronics SM6T75AY Datasheet HTML 10Page - STMicroelectronics SM6T75AY Datasheet HTML 11Page - STMicroelectronics SM6T75AY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SM6TY
Packaging information
Doc ID 17741 Rev 3
9/12
4
Packaging information
Case: JEDEC DO-214AA molded plastic over planar junction
Terminals: solder plated, solderable as per MIL-STD-750, Method 2026
Polarity: for unidirectional types the band indicates cathode
Flammability: epoxy meets UL 94, V0
RoHS package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 3.
SMB dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
1.95
2.20
0.077
0.087
c
0.15
0.40
0.006
0.016
D
3.30
3.95
0.130
0.156
E
5.10
5.60
0.201
0.220
E1
4.05
4.60
0.159
0.181
L
0.75
1.50
0.030
0.059
Figure 17. SMB footprint dimensions in
mm (inches)
Figure 18. Marking layout(1)
1.
Marking layout can vary according to assembly location.
E
C
L
E1
D
A1
A2
b
2.60
5.84
1.62
2.18
1.62
(0.064) (0.102)
(0.300)
(0.064)
(0.086)
y w w
z
x x x
ECOPACK compliance
XXX: Marking
Z: Manufacturing location
Y: Year
WW: Week
Cathode bar (unidirectional devices only )


Podobny numer części - SM6T75AY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SM6T75AY STMICROELECTRONICS-SM6T75AY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T75AY STMICROELECTRONICS-SM6T75AY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T75AY STMICROELECTRONICS-SM6T75AY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T75AY STMICROELECTRONICS-SM6T75AY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T75AYCAY STMICROELECTRONICS-SM6T75AYCAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
More results

Podobny opis - SM6T75AY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
   Automotive 600 W Transil
SM6T250CAY STMICROELECTRONICS-SM6T250CAY Datasheet
238Kb / 9P
   Automotive 600 W Transil
SM6T33CAY STMICROELECTRONICS-SM6T33CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T30CAY STMICROELECTRONICS-SM6T30CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T22CAY STMICROELECTRONICS-SM6T22CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SMA6T15CAY STMICROELECTRONICS-SMA6T15CAY Datasheet
331Kb / 11P
   Automotive 600 W Transil in SMA package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com