Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMU-10C Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części AMU-10C
Szczegółowy opis  Micro EM Clutch/Brake Unit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

AMU-10C Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  AMU-10C Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
2.5C
5C
10C
20C
40C
80C
2.2 / 0.25
4.4 / 0.5
8.9 / 1
18 / 2
35 / 4
71 / 8
27 / 120
27 / 120
43 / 190
65 / 290
79 / 350
92 / 410
Rotor
0.05
0.068
0.148
0.29
0.718
1.3
Armature
0.063
0.113
0.208
0.39
1.04
2.19
dh7
6
6
8
10
12
15
bh8
22
2.5
445
Max Overhanging Load¹ [lbs / N]
Moment of Inertia (J)
[kg-cm²]
Key [mm]
Shaft [mm]
Voltage [DC-V]
Micro EM Clutch/Brake Unit
Types: 2.5, 5, 10, 20, 40, 80
AMU
Static Torque [in-lbs / N-m]
24
AMU-C
bh8
2
2
2.5
4
4
5
t+0/-0.15
6.9
6.9
8.9
11.5
13.5
17
A
54.5
61.5
69
77
93
105
B
66728490
106
120
C
5662707890
100
D
31.5
35.5
40
45
56
63
E
6
7
9
10
11
12
F
5.5
5.5
6.5
6.5
8.5
8.5
L
100
100
124
139
166
174
M
505062698086
N
404045506070
P
30
30
39.5
44.5
53
52
Q
9
9
11121314
R
161620233030
T
141418202025
0.9 / 0.4
1.2 / 0.5
2 / 0.9
3.3 / 1.5
4.6 / 2.1
6.3 / 2.9
[ Note 1 : At shaft midpoint; based on 600rpm/6000hr application ]
[ 1" = 25.4mm ]
Ogura Industrial Corp.
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
Weight [lbs / kg]
Dimensions
[mm]
Key [mm]
AMU-C


Podobny numer części - AMU-10C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micronas
AMU2481 MICRONAS-AMU2481 Datasheet
1Mb / 25P
   Audio Mixer
logo
List of Unclassifed Man...
AMU2481VS ETC1-AMU2481VS Datasheet
2Mb / 27P
   AMU2481VS
AMU2485 ETC1-AMU2485 Datasheet
179Kb / 1P
   Audio Processor (24-Pin Plastic Package)
More results

Podobny opis - AMU-10C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MP ETC-MP Datasheet
122Kb / 1P
   Micro EM Clutch/Brake Unit
MP-120 ETC-MP-120 Datasheet
93Kb / 1P
   EM Clutch/Brake Unit
VSAU ETC2-VSAU Datasheet
73Kb / 1P
   Self-Adjusting EM Clutch/Brake Unit
AMC ETC-AMC Datasheet
104Kb / 1P
   Micro EM Clutch
MIC ETC-MIC Datasheet
188Kb / 2P
   Micro EM Clutch
AMB ETC-AMB Datasheet
98Kb / 1P
   Micro EM Brake
MMC ETC-MMC Datasheet
248Kb / 1P
   EM Clutch
VCE ETC2-VCE Datasheet
310Kb / 8P
   EM Clutch
MMC-70E ETC-MMC-70E Datasheet
255Kb / 1P
   EM Clutch
MCNB-2G ETC-MCNB-2G Datasheet
62Kb / 1P
   Micro EM Spring-Applied Brake
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com