Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP808TEL Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części TLP808TEL
Szczegółowy opis  8-outlet, 8-ft cord, 2160 joule with modem/fax protection - Protect It! Surge Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

TLP808TEL Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  TLP808TEL Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP808TEL Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP808TEL Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP808TEL Datasheet HTML 4Page - List of Unclassifed Manufacturers TLP808TEL Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Shipping Dimensions (HWD/in)
11.41 x 8.66 x 2.04
Shipping Dimensions (HWD/cm)
28.98 x 22.00 x 5.18
Shipping weight (lbs)
2.06
Shipping weight (kg)
0.93
Unit Dimensions (HWD/in)
4.86 x 9.55 x 1.51
Unit Dimensions (HWD/cm)
12.34 x 24.26 x 3.84
Unit weight (lbs)
1.89
Unit weight (kg)
0.86
Material of construction
Plastic
Integrated keyhole mounting tabs
Keyhole mounting slots enable wall mounting
Housing Color
Light Gray
Receptacle Color
Light Gray
AC line cord color
Light Gray
Style
Strip
Keyhole slot center to center
measurement
Distance between horizontal slots = 75mm; Distance between vertical slots = 41.6mm
SPECIAL FEATURES
Additional Information
Pair of phone line output jacks serve as a line splitter to enable the protection of two devices sharing a single dialup
phone line
Right-Angle Plug
Yes
CERTIFICATIONS
UL1449 3rd Edition (AC
Suppression)
UL1449 3RD EDITION
UL1363 (Power Tap)
UL1363
UL497A (Communications)
UL497A
FCC Part 68 (Communications)
FCC Part 68
cUL / CSA (Canada)
cUL
Industry Canada (Communications)
Industry Canada
Approvals
Exceeds IEEE 587 category A&B specifications
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$150,000 Ultimate Lifetime Insurance
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
3 / 4


Podobny numer części - TLP808TEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TLP808TELTV ETC2-TLP808TELTV Datasheet
514Kb / 5P
   8-outlet, 8-ft cord, 2160 joule, RJ11 and coaxial protection - Protect It! Surge Suppressor
More results

Podobny opis - TLP808TEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TLP808TELTV ETC2-TLP808TELTV Datasheet
514Kb / 5P
   8-outlet, 8-ft cord, 2160 joule, RJ11 and coaxial protection - Protect It! Surge Suppressor
TLP808 ETC2-TLP808 Datasheet
507Kb / 5P
   8-outlet, 8-ft cord, 1440 joule - Protect It! Surge Suppressor
TLP810SAT ETC2-TLP810SAT Datasheet
518Kb / 5P
   8 outlet, 10-ft cord, 3240 joules, Coax/Modem/Fax protection - Protect It! Surge Suppressor
SUPER7 ETC2-SUPER7 Datasheet
487Kb / 4P
   7 outlet, 7-ft cord, 2160 joule strip - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP1208TEL TRIPPLITE-TLP1208TEL Datasheet
176Kb / 4P
   Protect It! 12-Outlet Surge Protector, 8-ft. Cord, 2160 Joules, Tel/Modem Protection
logo
List of Unclassifed Man...
SUPER7TEL ETC2-SUPER7TEL Datasheet
502Kb / 5P
   7-outlet, 7-ft cord, 2520 joules, Modem/Fax Protection Protect It! Surge Suppressor
SUPER7B ETC2-SUPER7B Datasheet
511Kb / 4P
   7 outlet, 7-ft cord, 2160 joule black strip - Protect It Surge Suppressor
TLP810NET ETC2-TLP810NET Datasheet
514Kb / 5P
   8-outlet, 10-ft cord, 3240 joules, Tel/Modem, Ethernet, Coaxial protection - Protect It! Surge Suppressor
TLP606 ETC2-TLP606 Datasheet
493Kb / 4P
   6-outlet, 6-ft cord, 790 joule strip - Protect It! Surge Suppressor
TLP604 ETC2-TLP604 Datasheet
496Kb / 4P
   6 outlet, 4-ft cord, 790 joule strip - Protect It! Surge Suppressor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com