Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

G1117A Arkusz danych(PDF) 1 Page - E-Tech Electronics LTD

Numer części G1117A
Szczegółowy opis  1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETL [E-Tech Electronics LTD]
Strona internetowa  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

G1117A Arkusz danych(HTML) 1 Page - E-Tech Electronics LTD

  G1117A Datasheet HTML 1Page - E-Tech Electronics LTD G1117A Datasheet HTML 2Page - E-Tech Electronics LTD G1117A Datasheet HTML 3Page - E-Tech Electronics LTD G1117A Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
G1117A
Page: 1/4
ISSUED DATE :2006/06/06
REVISED DATE :
G
G 11111177 A
A
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Description
The G1117A is a low dropout at positive adjustable or fixed-mode regulator with minimum of 1A output current
capability. The product is specifically designed to provide well-regulated supply for low voltage IC applications
such as high-speed bus termination and low current 3.3V logic supply. G1117A is also well suited for other
applications such as VGA cards. G1117A is guaranteed to have lower than 1.4V dropout at full load current
making it ideal to provide well-regulated outputs of 1.25 to 5.0 with 6.4V to 12V input supply.
Features
&1.4Vmaximum dropout full load current
&Fast transient response
&Output current limiting
&Built-in thermal shutdown
&Good noise rejection
&3-Terminal Adjustable or Fixed 1.5V,1.8V,2.5V,3.3V,5.0V
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.45
4.7
D
4.44
4.7
S1
1.02
-
E
3.30
3.81
b
0.36
0.51
L
12.70
-
b1
0.36
0.76
e1
1.150
1.390
C
0.36
0.51
e
2.42
2.66
Typical Circuit
e1
b
e
SEATING
PLANE
b1
D
C
S1
E
TO-92


Podobny numer części - G1117A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Podobny opis - G1117A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com