Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SZNUF8152MUT2G Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części SZNUF8152MUT2G
Szczegółowy opis  8-Channel EMI Filter with Integrated ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZNUF8152MUT2G Arkusz danych(HTML) 2 Page - ON Semiconductor

  SZNUF8152MUT2G Datasheet HTML 1Page - ON Semiconductor SZNUF8152MUT2G Datasheet HTML 2Page - ON Semiconductor SZNUF8152MUT2G Datasheet HTML 3Page - ON Semiconductor SZNUF8152MUT2G Datasheet HTML 4Page - ON Semiconductor SZNUF8152MUT2G Datasheet HTML 5Page - ON Semiconductor SZNUF8152MUT2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NUF8152, SZNUF8152
http://onsemi.com
2
Table 1. FUNCTIONAL PIN DESCRIPTION
Filter
Device Pins
Description
Filter 1
1 & 16
Filter + ESD Channel 1
Filter 2
2 & 15
Filter + ESD Channel 2
Filter 3
3 & 14
Filter + ESD Channel 3
Filter 4
4 & 13
Filter + ESD Channel 4
Filter 5
5 & 12
Filter + ESD Channel 5
Filter 6
6 & 11
Filter + ESD Channel 6
Filter 7
7 & 10
Filter + ESD Channel 7
Filter 8
8 & 9
Filter + ESD Channel 8
Ground Pad
GND
Ground
MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
ESD Discharge IEC61000−4−2
Contact Discharge
VPP
13
kV
Operating Temperature Range
TOP
−40 to 85
°C
Storage Temperature Range
TSTG
−55 to 150
°C
Maximum Lead Temperature for Soldering Purposes (1.8 in from case for 10 seconds)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum Reverse Working Voltage
VRWM
5.0
V
Breakdown Voltage
VBR
IR = 1.0 mA
6.0
7.0
8.0
V
Leakage Current
IR
VRWM = 3.3 V
100
nA
Inductance
L
1.0
3.0
nH
Resistance
RA
28
36
W
Diode Capacitance
Cd
VR = 2.5 V, f = 1.0 MHz
17
pF
Line Capacitance
CL
VR = 2.5 V, f = 1.0 MHz
34
pF
3 dB Cut−Off Frequency (Note 1)
f3dB
Above this frequency,
appreciable attenuation occurs
125
MHz
6 dB Cut−Off Frequency
f6dB
Above this frequency,
appreciable attenuation occurs
210
MHz
1. 50 W source and 50 W load termination.


Podobny numer części - SZNUF8152MUT2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
SZNUD3105DMT1G ONSEMI-SZNUD3105DMT1G Datasheet
96Kb / 10P
   Integrated Relay, Inductive Load Driver
July, 2014 ??Rev. 11
SZNUD3105DMT1G ONSEMI-SZNUD3105DMT1G Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
SZNUD3112DMT1G ONSEMI-SZNUD3112DMT1G Datasheet
147Kb / 7P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 11
SZNUD3112LT1G ONSEMI-SZNUD3112LT1G Datasheet
147Kb / 7P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 11
SZNUD3124 ONSEMI-SZNUD3124 Datasheet
150Kb / 10P
   Automotive Inductive Load Driver
February, 2012 ??Rev. 12
More results

Podobny opis - SZNUF8152MUT2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NUF8010MU ONSEMI-NUF8010MU_09 Datasheet
173Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF8410MN ONSEMI-NUF8410MN_09 Datasheet
167Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF8600MN ONSEMI-NUF8600MN Datasheet
148Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF8610MN ONSEMI-NUF8610MN Datasheet
148Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF8401MN ONSEMI-NUF8401MN_09 Datasheet
170Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 5
NUF8152MU ONSEMI-NUF8152MU Datasheet
185Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
logo
Socay Electornics Co., ...
EM2378K SOCAY-EM2378K Datasheet
418Kb / 3P
   8-Channel EMI Filter with Integrated ESD Protection
logo
ON Semiconductor
NUF8001MU ONSEMI-NUF8001MU_09 Datasheet
144Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 3
logo
Alpha & Omega Semicondu...
AOZ8010 AOSMD-AOZ8010 Datasheet
299Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8170 AOSMD-AOZ8170 Datasheet
350Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com