Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

9000 Arkusz danych(PDF) 2 Page - Coto Technology

Numer części 9000
Szczegółowy opis  9000 SERIES/MOLDED SIP REED RELAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COTO [Coto Technology]
Strona internetowa  http://www.cotorelay.com
Logo COTO - Coto Technology

9000 Arkusz danych(HTML) 2 Page - Coto Technology

  9000 Datasheet HTML 1Page - Coto Technology 9000 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODELNUMBER
90012
90022
Parameters
Test Conditions
Units
4 Pin SIP
6 Pin SIP
COIL SPECS.
Nom. Coil Voltage
VDC
5 12
5 12
Max. Coil Voltage
VDC
6.5 15.0
6.5 15.0
Coil Resistance
+/- 10%, 25° C
Ω
500 1000
350 750
Operate Voltage
Must Operate by
VDC - Max.
3.75 9.0
3.75 9.0
Release Voltage
Must Release by
VDC - Min.
0.4 1.0
0.4 1.0
CONTACT RATINGS
Switching Voltage
Max DC/Peak AC Resist.
Volts
200
200
Switching Current
Max DC/Peak AC Resist.
Amps
0.5
0.5
Carry Current
Max DC/Peak AC Resist.
Amps
1.5
1.5
Contact Rating
Max DC/Peak AC Resist.
Watts
10
10
Life Expectancy-Typical1
Signal Level 1.0V, 10mA
x 106 Ops.
1000
1000
Static Contact
Resistance (max. init.)
50mV, 10mA
Ω
0.150
0.150
Dynamic Contact
Resistance (max. init.)
0.5V, 50mA
at 100 Hz, 1.5 msec
Ω
0.200
0.200
RELAY SPECIFICATIONS
Insulation Resistance
(minimum)
Between all Isolated Pins
at 100V, 25°C, 40% RH
Ω
1012
1012
Capacitance - Typical
Across Open Contacts
No Shield
Shield Floating
Shield Guarding
pF
pF
pF
0.7
-
-
-
0.8
0.1
Open Contact to Coil
No Shield
Shield Floating
Shield Guarding
pF
pF
pF
1.4
-
-
-
1.4
0.5
Contact to Shield
Contacts Open, Shield Floating
pF
-
1.4
Dielectric Strength
(minimum)
Between Contacts
Contacts to Coil
Contacts/Shield to Coil
VDC/peak AC
VDC/peak AC
VDC/peak AC
300
-
1500
300
1500
1500
Operate Time - including
bounce - Typical
At Nominal Coil Voltage,
30 Hz Square Wave
msec.
0.35
0.35
Release Time - Typical
msec.
0.1
0.1
Top View:
Dot stamped on relay refers to pin #1
Grid = .1”x.1” (2.54mm x 2.54mm)
1
2
3
4
1
2
3
4
5
6
Notes:
1
Consult factory for life expectancy at other switching loads . Resistance >0.5Ω
defines end of life or failure to open .
2
Optional diode is connected to pin #2(+) and pin #3(-). Correct coil polarity must be observed .
Environmental Ratings:
Storage Temp: -35°C to +100°C; Operating Temp: -20°C to +85°C; Solder Temp: 270°C max; 10 sec . max
All electrical parameters measured at 25°C unless otherwise specified .
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
COTO TECHNOLOGY, INC.
For most recent data visit www.cotorelay.com
page | 33


Podobny numer części - 9000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
9000 ETC-9000 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
logo
Intel Corporation
9000 INTEL-9000 Datasheet
1Mb / 108P
   Dual-Core Intel Itanium Processor
logo
C&K Components
9000 CK-COMPONENTS-9000 Datasheet
357Kb / 5P
   Power Toggle Switches
logo
XFMRS Inc.
9000 XFMRS-9000 Datasheet
8Kb / 1P
   Contact XFMRS
logo
Keysight Technologies
9000 KEYSIGHT-9000 Datasheet
4Mb / 32P
   Infiniium 9000 Series Oscilloscopes
More results

Podobny opis - 9000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Coto Technology
9001-05-00 COTO-9001-05-00 Datasheet
273Kb / 2P
   Molded SIP Reed Relays
logo
RHOPOINT COMPONENTS
9001 RHOPOINT-9001 Datasheet
88Kb / 2P
   Molded SIP Reed Relays
logo
List of Unclassifed Man...
SIL4 ETC1-SIL4 Datasheet
609Kb / 7P
   SIP SERIES REED RELAYS
logo
Coto Technology
9007-05-00 COTO-9007-05-00 Datasheet
315Kb / 2P
   Spartan SIP Reed Relays
logo
DB Lectro Inc
101R-1A12D2 DBLECTRO-101R-1A12D2 Datasheet
967Kb / 2P
   SIP, DIP REED RELAYS
logo
List of Unclassifed Man...
9000 ETC-9000 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
logo
Coto Technology
9007 COTO-9007 Datasheet
557Kb / 2P
   9007 SERIES/SPARTAN SIP REED RELAYS
9104-05-10 COTO-9104-05-10 Datasheet
241Kb / 2P
   Hi Voltage SIP Reed Relays
9104 COTO-9104 Datasheet
590Kb / 2P
   9104 SERIES/HIGH VOLTAGE SIP REED RELAYS
logo
Meder Electronic
DIP12-1A75-13L MEDER-DIP12-1A75-13L Datasheet
493Kb / 1P
   Molded DIP Reed Relays
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com