Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-4516CA726EF-A10 Arkusz danych(PDF) 2 Page - NEC

Numer części MC-4516CA726EF-A10
Szczegółowy opis  16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

MC-4516CA726EF-A10 Arkusz danych(HTML) 2 Page - NEC

  MC-4516CA726EF-A10 Datasheet HTML 1Page - NEC MC-4516CA726EF-A10 Datasheet HTML 2Page - NEC MC-4516CA726EF-A10 Datasheet HTML 3Page - NEC MC-4516CA726EF-A10 Datasheet HTML 4Page - NEC MC-4516CA726EF-A10 Datasheet HTML 5Page - NEC MC-4516CA726EF-A10 Datasheet HTML 6Page - NEC MC-4516CA726EF-A10 Datasheet HTML 7Page - NEC MC-4516CA726EF-A10 Datasheet HTML 8Page - NEC MC-4516CA726EF-A10 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Data Sheet M14333EJ2V0DS00
2
MC-4516CA726
Ordering Information
Part number
Clock frequency
MHz (MAX.)
Package
Mounted devices
MC-4516CA726EF-A80
125 MHz
168-pin Dual In-line Memory Module
9 pieces of
µPD45128841G5 (Rev. E)
MC-4516CA726EF-A10
100 MHz
(Socket Type)
(10.16 mm (400) TSOP (II))
MC-4516CA726PF-A80
125 MHz
Edge connector : Gold plated
9 pieces of
µPD45128841G5 (Rev. P)
MC-4516CA726PF-A10
100 MHz
34.93 mm height
(10.16 mm (400) TSOP (II))
5
5


Podobny numer części - MC-4516CA726EF-A10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elpida Memory
MC-4516CA726EF-A10 ELPIDA-MC-4516CA726EF-A10 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Podobny opis - MC-4516CA726EF-A10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elpida Memory
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA727 NEC-MC-4516CA727 Datasheet
213Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727XFA ELPIDA-MC-4516CA727XFA Datasheet
168Kb / 14P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CA727 ELPIDA-MC-4516CA727 Datasheet
167Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647XFA ELPIDA-MC-4516CB647XFA Datasheet
168Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB646 NEC-MC-4516CB646 Datasheet
146Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB647 NEC-MC-4516CB647 Datasheet
210Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB647 ELPIDA-MC-4516CB647 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516DA727 NEC-MC-4516DA727 Datasheet
154Kb / 6P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com