Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-4516CA727EF-A75 Arkusz danych(PDF) 5 Page - NEC

Numer części MC-4516CA727EF-A75
Szczegółowy opis  16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

MC-4516CA727EF-A75 Arkusz danych(HTML) 5 Page - NEC

  MC-4516CA727EF-A75 Datasheet HTML 1Page - NEC MC-4516CA727EF-A75 Datasheet HTML 2Page - NEC MC-4516CA727EF-A75 Datasheet HTML 3Page - NEC MC-4516CA727EF-A75 Datasheet HTML 4Page - NEC MC-4516CA727EF-A75 Datasheet HTML 5Page - NEC MC-4516CA727EF-A75 Datasheet HTML 6Page - NEC MC-4516CA727EF-A75 Datasheet HTML 7Page - NEC MC-4516CA727EF-A75 Datasheet HTML 8Page - NEC MC-4516CA727EF-A75 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet M14409EJ2V0DS00
5
MC-4516CA727
Electrical Specifications
• All voltages are referenced to VSS (GND).
• After power up, wait more than 100
µs and then, execute power on sequence and CBR (Auto) refresh before proper
device operation is achieved.
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Voltage on power supply pin relative to GND
VCC
–0.5 to +4.6
V
Voltage on input pin relative to GND
VT
–0.5 to +4.6
V
Short circuit output current
IO
50
mA
Power dissipation
PD
9W
Operating ambient temperature
TA
0 to 70
°C
Storage temperature
Tstg
–55 to +125
°C
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Supply voltage
VCC
3.0
3.3
3.6
V
High level input voltage
VIH
2.0
VCC + 0.3
V
Low level input voltage
VIL
−0.3
+0.8
V
Operating ambient temperature
TA
070
°C
Capacitance (TA = 25
°°°°C, f = 1 MHz)
Parameter
Symbol
Test condition
MIN.
TYP.
MAX.
Unit
Input capacitance
CI1
A0 - A11, BA0(A13), BA1(A12), /RAS,
/CAS, /WE
40
66
pF
CI2
CLK0, CLK2
24
40
CI3
CKE0
34
56
CI4
/CS0, /CS2
17
33
CI5
DQMB0 - DQMB7
7
17
Data input/output capacitance
CI/O
DQ0 - DQ63, CB0 - CB7
7
13
pF


Podobny numer części - MC-4516CA727EF-A75

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elpida Memory
MC-4516CA727EF-A75 ELPIDA-MC-4516CA727EF-A75 Datasheet
167Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Podobny opis - MC-4516CA727EF-A75

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elpida Memory
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CA727XFA ELPIDA-MC-4516CA727XFA Datasheet
168Kb / 14P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA726 NEC-MC-4516CA726 Datasheet
149Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727 ELPIDA-MC-4516CA727 Datasheet
167Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647XFA ELPIDA-MC-4516CB647XFA Datasheet
168Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB646 NEC-MC-4516CB646 Datasheet
146Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB647 NEC-MC-4516CB647 Datasheet
210Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB647 ELPIDA-MC-4516CB647 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516DA727 NEC-MC-4516DA727 Datasheet
154Kb / 6P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com