Zakładka z wyszukiwarką danych komponentów |
|
74ALVCH162260GRE4 Arkusz danych(PDF) 10 Page - Texas Instruments |
|
74ALVCH162260GRE4 Arkusz danych(HTML) 10 Page - Texas Instruments |
10 / 16 page www.ti.com PARAMETER MEASUREMENT INFORMATION tPHL tPLH VOH VOL From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT S1 6 V Open GND 500 Ω 500 Ω Output Control (low-level enabling) Output Waveform 1 S1 at 6 V (see Note B) Output Waveform 2 S1 at GND (see Note B) tPZL tPZH tPLZ tPHZ 1.5 V 1.5 V 1.5 V 1.5 V 2.7 V 0 V 1.5 V 1.5 V VOH VOL 0 V 1.5 V VOL + 0.3 V 1.5 V VOH − 0.3 V 0 V 1.5 V 2.7 V 0 V 0 V 2.7 V 0 V Input 2.7 V 2.7 V 3 V VOLTAGE WAVEFORMS SETUP AND HOLD TIMES VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES VOLTAGE WAVEFORMS PULSE DURATION VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES Timing Input Data Input Output Input tpd tPLZ/tPZL tPHZ/tPZH Open 6 V GND TEST S1 1.5 V 1.5 V tw th tsu 1.5 V 1.5 V NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns. D. The outputs are measured one at a time, with one transition per measurement. E. tPLZ and tPHZ are the same as tdis. F. tPZL and tPZH are the same as ten. G. tPLH and tPHL are the same as tpd. SN74ALVCH162260 12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS SCAS570I – MARCH 1996 – REVISED AUGUST 2004 VCC = 2.7 V AND 3.3 V ± 0.3 V Figure 3. Load Circuit and Voltage Waveforms 10 |
Podobny numer części - 74ALVCH162260GRE4 |
|
Podobny opis - 74ALVCH162260GRE4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |