Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N2905 Arkusz danych(PDF) 1 Page - Central Semiconductor Corp

Numer części 2N2905
Szczegółowy opis  PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N2905 Arkusz danych(HTML) 1 Page - Central Semiconductor Corp

  2N2905 Datasheet HTML 1Page - Central Semiconductor Corp 2N2905 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N2904 2N2904A
2N2905 2N2905A
PNP SILICON TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N2904, 2N2905
series types are PNP silicon transistors manufactured
by the epitaxial planar process, designed for small
signal, general purpose and switching applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
2N2904
2N2904A
SYMBOL
2N2905
2N2905A
UNITS
Collector-Base Voltage
VCBO
60
60
V
Collector-Emitter Voltage
VCEO
40
60
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
0.6
A
Power Dissipation
PD
0.8
W
Power Dissipation (TC=25°C)
PD
3.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
2N2904
2N2904A
ELECTRICAL CHARACTERISTICS: (TA=25°C)
2N2905
2N2905A
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=50V
-
20
-
10
nA
ICEV
VCE=30V, VEB=0.5V
-
-
-
50
nA
BVCBO
IC=10μA
60
-
60
-
V
BVCEO
IC=10mA
40
-
60
-
V
BVEBO
IE=10μA
5.0
-
5.0
-
V
VCE(SAT)
IC=150mA, IB=15mA
-
0.4
-
0.4
V
VCE(SAT)
IC=500mA, IB=50mA
-
1.6
-
1.6
V
VBE(SAT)
IC=150mA, IB=15mA
-
1.3
-
1.3
V
VBE(SAT)
IC=500mA, IB=50mA
-
2.6
-
2.6
V
2N2904
2N2905
2N2904A
2N2905A
MIN
MAX
MIN
MAX
hFE
VCE=10V, IC=100μA (2N2904, 2N2905)
20
-
35
-
hFE
VCE=10V, IC=100μA (2N2904A, 2N2905A) 40
-
75
-
hFE
VCE=10V, IC=1.0mA (2N2904, 2N2905)
25
-
50
-
hFE
VCE=10V, IC=1.0mA (2N2904A, 2N2905A) 40
-
100
-
hFE
VCE=10V, IC=10mA (2N2904, 2N2905)
35
-
75
-
hFE
VCE=10V, IC=10mA (2N2904A, 2N2905A)
40
-
100
-
hFE
VCE=10V, IC=150mA
40
120
100
300
hFE
VCE=10V, IC=500mA (2N2904, 2N2905)
20
-
30
-
hFE
VCE=10V, IC=500mA (2N2904A, 2N2905A) 40
-
50
-
TO-39 CASE
R2 (6-April 2015)
www.centr a lsemi.com


Podobny numer części - 2N2905

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
2N2905 PHILIPS-2N2905 Datasheet
55Kb / 8P
   PNP switching transistors
1997 May 28
logo
New Jersey Semi-Conduct...
2N2905 NJSEMI-2N2905 Datasheet
349Kb / 2P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
logo
Semicoa Semiconductor
2N2905 SEMICOA-2N2905 Datasheet
31Kb / 1P
   Chip Type 2C2907A Geometry 0600 Polarity PNP
logo
Comset Semiconductor
2N2905 COMSET-2N2905 Datasheet
80Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Siemens Semiconductor G...
2N2905 SIEMENS-2N2905 Datasheet
173Kb / 7P
   PNP SILICON PLANAR TRANSISTORS
More results

Podobny opis - 2N2905

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com