Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC107A Arkusz danych(PDF) 2 Page - Central Semiconductor Corp

Numer części BC107A
Szczegółowy opis  NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BC107A Arkusz danych(HTML) 2 Page - Central Semiconductor Corp

  BC107A Datasheet HTML 1Page - Central Semiconductor Corp BC107A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BC107,A,B
BC108B,C
BC109B,C
NPN SILICON TRANSISTOR
LEAD CODE:
1) Emitter
2) Base
3) Collector
MARKING:
FULL PART NUMBER
TO-18 CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
hfe
VCE=5.0V, IC=2.0mA, f=1.0kHz (BC107)
125
500
hfe
VCE=5.0V, IC=2.0mA, f=1.0kHz (BC107A)
125
260
hfe
VCE=5.0V, IC=2.0mA, f=1.0kHz (BC107B, BC108B, BC109B)
240
500
hfe
VCE=5.0V, IC=2.0mA, f=1.0kHz (BC108C)
500
hfe
VCE=5.0V, IC=2.0mA, f=1.0kHz (BC109C)
450
900
fT
VCE=5.0V, IC=10mA, f=100MHz
150
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
4.5
pF
NF
VCE=5.0V, IC=0.2mA, Rg=2.0kΩ, B=200Hz, f=1.0kHz (BC107, BC108)
10
dB
NF
VCE=5.0V, IC=0.2mA, Rg=2.0kΩ, B=200Hz, f=1.0kHz (BC109)
4.0
dB
www.centr a lsemi.com
R1 (16-August 2012)


Podobny numer części - BC107A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BC107A SIEMENS-BC107A Datasheet
263Kb / 8P
   npn sisicon transistor
logo
STMicroelectronics
BC107A STMICROELECTRONICS-BC107A Datasheet
385Kb / 9P
   Low noise general purpose audio amplifiers
logo
Comset Semiconductor
BC107A COMSET-BC107A Datasheet
81Kb / 3P
   LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
logo
Continental Device Indi...
BC107A CDIL-BC107A Datasheet
147Kb / 4P
   NPN SILICON PLANAR TRANSISTORS
logo
Central Semiconductor C...
BC107A CENTRAL-BC107A Datasheet
545Kb / 2P
   NPN SILICON TRANSISTOR
More results

Podobny opis - BC107A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com