Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

E-L6561D013TR Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części E-L6561D013TR
Szczegółowy opis  POWER FACTOR CORRECTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L6561D013TR Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button E-L6561D013TR Datasheet HTML 3Page - STMicroelectronics E-L6561D013TR Datasheet HTML 4Page - STMicroelectronics E-L6561D013TR Datasheet HTML 5Page - STMicroelectronics E-L6561D013TR Datasheet HTML 6Page - STMicroelectronics E-L6561D013TR Datasheet HTML 7Page - STMicroelectronics E-L6561D013TR Datasheet HTML 8Page - STMicroelectronics E-L6561D013TR Datasheet HTML 9Page - STMicroelectronics E-L6561D013TR Datasheet HTML 10Page - STMicroelectronics E-L6561D013TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7/13
L6561
Figure 9. Demo Board (EVAL6561-80) Electrical Schematic
Figure 10. EVAL6561-80: PCB and Component Layout (Top view, real size 57x108mm)
Table 6. EVAL6561-80: Evaluation Results.
Vin (Vac)
Pin (W)
Vo (Vdc)
∆Vo (Vdc)
Po (W)
η (%)
w/o THD reducer
with THD reducer
PF
THD (%)
PF
THD (%)
85
87.2
400.1
14
80.7
92.8
0.999
3.7
0.999
2.9
110
85.2
400.1
14
80.7
94.7
0.996
5.0
0.996
3.2
135
84.2
400.1
14
80.7
95.8
0.989
6.2
0.989
3.7
175
83.5
400.1
14
80.7
96.6
0.976
8.3
0.976
4.3
220
83.1
400.1
14
80.7
97.1
0.940
10.7
0.941
5.6
265
82.9
400.1
14
80.7
97.3
0.890
13.7
0.893
8.1
NTC
2.5
8
3
BRIDGE
W04M
R1
750 k
C1
1 µF
400V
R3
10 k
C29
22 µF
25V
FUSE
4A/250V
R4
180 k
D8
1N4150
D2
1N5248B
R14
100
C5 12 nF
R6
68 k
T
5
6
L6561
7
21
R7
33
MOS
STP8NM50
4
R11
750 k
C6
47 µF
450V
Vo=400V
Po=80W
-
Vac
(85V to 265V)
R9
0.41
1W
R13
9.53 k
+
-
C4
100 nF
C2
10nF
D1
STTH1L06
D3 1N4148
C7
10 µF
35 V
R15
220
R16
91 k
R50 12 k
C3 470 nF
R2
750 k
R5
180 k
R10
0.41
1W
R12
750 k
C23
1 µF
Boost Inductor Spec (ITACOIL E2543/E)
E25x13x7 core, 3C85 ferrite
1.5 mm gap for 0.7 mH primary inductance
Primary: 105 turns 20x0.1 mm
Secondary: 11 turns 0.1mm
THD REDUCER (optional)


Podobny numer części - E-L6561D013TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
E-L6569 STMICROELECTRONICS-E-L6569 Datasheet
181Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
June 2000
More results

Podobny opis - E-L6561D013TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
L8562 UTC-L8562_15 Datasheet
266Kb / 6P
   POWER FACTOR CORRECTOR
logo
STMicroelectronics
L6560 STMICROELECTRONICS-L6560 Datasheet
123Kb / 11P
   POWER FACTOR CORRECTOR
June 2000
L4981AD013TR STMICROELECTRONICS-L4981AD013TR Datasheet
2Mb / 16P
   POWER FACTOR CORRECTOR
logo
Unisonic Technologies
L8561 UTC-L8561 Datasheet
224Kb / 5P
   POWER FACTOR CORRECTOR
UA7524 UTC-UA7524_15 Datasheet
204Kb / 5P
   POWER FACTOR CORRECTOR
logo
AUK corp
S6500 AUK-S6500 Datasheet
492Kb / 7P
   POWER FACTOR CORRECTOR
logo
STMicroelectronics
L4981A STMICROELECTRONICS-L4981A Datasheet
228Kb / 17P
   POWER FACTOR CORRECTOR
September 1998
EVAL6561-80 STMICROELECTRONICS-EVAL6561-80 Datasheet
180Kb / 13P
   POWER FACTOR CORRECTOR
L4981A STMICROELECTRONICS-L4981A_01 Datasheet
2Mb / 16P
   POWER FACTOR CORRECTOR
logo
Unisonic Technologies
8561 UTC-8561 Datasheet
162Kb / 6P
   POWER FACTOR CORRECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com