Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML22Q374 Arkusz danych(PDF) 7 Page - List of Unclassifed Manufacturers

Numer części ML22Q374
Szczegółowy opis  ADPCM Speech Synthesis LSI
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q374 Arkusz danych(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ML22Q374 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
FEDL22Q374-02
ML22Q374
7/35
ELECTRICAL CHARACTERISTICS
DC Characteristics
DVDD = SPVDD = 2.0 to 5.5 V, DGND = AGND = 0 V, Ta = −40 to +85°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
“H” input voltage
VIH
0.7
×DV
DD
DVDD
V
“L” input voltage
VIL
0
0.3
×DV
DD
V
“H” output voltage 1
VOH1
IOH = −0.5 mA
DVDD−0.5
V
“L” output voltage 1
VOL1
IOL = 0.5 mA
0.5
V
“H” input current 1
IIH1
VIH = DVDD
1
µA
“H” input current 2
IIH2
VIH = DVDD
TEST pin
0.02
0.3
1.5
mA
“L” input current 1
IIL1
VIL = DGND
−1
µA
“L” input current 2
IIL2
VIL = DGND
RESET_N, CSB pin
−1.5
−0.3
−0.02
mA
“H” output current 1
IooH1
VOH = DVDD = SPVDD
(High impedance)
BUSYB pin, SPP pin,
SPM pin
1
µA
“H” output current 2
IooH2
VOH = DVDD
(Nch Open drain)
BUSYB pin
1
µA
“L” output current 1
IooL1
VOL = DGND = SPGND
(High impedance)
BUSYB pin, SPP pin,
SPM pin
−1
µA
“L” output current 1
IooL2
VOL = DGND
(Pch Open drain)
BUSYB pin
−1
µA
IDD1
No output load,
DVDD = 3.0V
4.0
6.0
Supply current during
playback
IDD2
No output load,
DVDD = 5.0V
6.0
10
mA
Awaiting command supply
current
IDDC1
DVDD = SPVDD = 5.0V
3.0
5.0
mA
IDDS1
Ta =
−40 to +40°C
0.5
3.0
Standby supply current
IDDS2
Ta =
−40 to +85°C
0.5
8.0
µA
Ta =
−10 to +50°C
4.034
4.096
4.158
Source oscillation
frequency
fOSC
Ta =
−40 to +85°C
3.973
4.096
4.219
MHz
Characteristics of Analog Circuitry
DVDD = SPVDD = 2.0 to 5.5 V, DGND = SPGND = 0 V, Ta = −40 to +85°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
SPM, SPP output load
resistance
RLSP
8
Speaker amplifier output
power
PSPO
SPVDD = 5.0V, f = 1kHz
RSPO = 8Ω, THD≥10%
1.0
W


Podobny numer części - ML22Q374

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
   ADPCM Speech Synthesis LSI
More results

Podobny opis - ML22Q374

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
   ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
   ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
   ADPCM Speech Synthesis LSI
FEDL22Q394-03 ETC2-FEDL22Q394-03 Datasheet
1Mb / 42P
   ADPCM Speech Synthesis LSI
FEDL22321-01 ETC2-FEDL22321-01 Datasheet
1Mb / 35P
   ADPCM Speech Synthesis LSI
FEDL22340-02 ETC2-FEDL22340-02 Datasheet
1Mb / 37P
   ADPCM Speech Synthesis LSI
ML22808 ETC2-ML22808 Datasheet
601Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
FEDL2280X-04 ETC2-FEDL2280X-04 Datasheet
584Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
logo
OKI electronic componet...
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com