Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML22Q374 Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers

Numer części ML22Q374
Szczegółowy opis  ADPCM Speech Synthesis LSI
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q374 Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ML22Q374 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
FEDL22Q374-02
ML22Q374
8/35
AC Characteristics
DVDD = SPVDD = 2.0 to 5.5 V, DGND = SPGND = 0 V, Ta = −40 to +85°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
RESET_N input pulse width
tRST
100
µs
Start time SPVDD after starting DVDD
tVDD
0
ns
Initialization time after reset release
tINIT
20
ms
BUSYB change time from "L" to "H",after
RESET_N fall edge
tBSYR
500
ns
tESCK1
Oscillation stop
2
ms
SCK input enable time from CSB fall edge
tESCK2
Oscillating
10
µs
SCK hold time from CSB rise edge
tCSH
200
ns
Data setup time from SCK rise edge
tDIS
50
ns
Data hold time from SCK rise edge
tDIH
50
ns
SCK cycle
tSCYC
500
ns
SCK “H” level pulse width
tSCKH
200
ns
SCK “L” level pulse width
tSCKL
200
ns
Playback time
tVCYC
20
ms
BUSYB change time from "H" to "L", after a
command is inputted
tCB
400
µs
CSB “H” level pulse width
tCSW
1
ms
Oscillation stop time, after playback
tOSST
500
µs
Next command transmit time
In the case of the continuation playback
tNCM
10
ms
Disconnection judging time
by the DISCONNECT command
tDCD
100
ms
BUSYB change time from "L" to "H",after
Over-current detection of a speaker amplifier
tSD
80
µs
Processing time before playback start
tPLBF
0.3
2.1
ms
Processing time after playback start
tPLAF
0.15
1.2
ms
Fade-out time at Change Immediately mode or
Change Immediately Once mode
tFDO
22
ms
Note: Output pin load capacitance = 45 pF


Podobny numer części - ML22Q374

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
   ADPCM Speech Synthesis LSI
More results

Podobny opis - ML22Q374

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
   ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
   ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
   ADPCM Speech Synthesis LSI
FEDL22Q394-03 ETC2-FEDL22Q394-03 Datasheet
1Mb / 42P
   ADPCM Speech Synthesis LSI
FEDL22321-01 ETC2-FEDL22321-01 Datasheet
1Mb / 35P
   ADPCM Speech Synthesis LSI
FEDL22340-02 ETC2-FEDL22340-02 Datasheet
1Mb / 37P
   ADPCM Speech Synthesis LSI
ML22808 ETC2-ML22808 Datasheet
601Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
FEDL2280X-04 ETC2-FEDL2280X-04 Datasheet
584Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
logo
OKI electronic componet...
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com