Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML22Q394 Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers

Numer części ML22Q394
Szczegółowy opis  ADPCM Speech Synthesis LSI
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q394 Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ML22Q394 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
FEDL22Q394-02
ML22Q394
8/42
AC Characteristics
DVDD = SPVDD = 2.0 to 5.5 V, DGND = SPGND = 0 V, Ta = −40 to +85°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
RESET_N input pulse width
tRST
100
µs
Start time SPVDD after starting DVDD
tVDD
0
ns
Initialization time after reset release
tINIT
20
ms
BUSYB change time from "L" to "H",after
RESET_N fall edge
tBSYR
500
ns
SCL clock frequence
tSCL
I2C Fast mode
0
400
kHz
Hold time (repeated) START condition
After this period, the first clock pulse is generated.
tHD;STA
I2C Fast mode
0.6
µs
SCL “L” level pulse width
tLOW
I2C Fast mode
1.3
µs
SCL “H” level pulse width
tHIGH
I2C Fast mode
0.6
µs
Setup time for repeated START condition
tSU;STA
I2C Fast mode
0.6
µs
Data hold time: For I2C bus devices
tHD;DAT
I2C Fast mode
0
0.9
µs
Data setup time
tSU;DAT
I2C Fast mode
100
ns
SDA and SCL signal rise time
tr
I2C Fast mode
20
300
ns
SDA and SCL signal fall time
tf
I2C Fast mode
20
300
ns
STOP condition setup time
tSU;STO
I2C Fast mode
0.6
µs
Bus free time between STOP condition and START
condition
tBUF
I2C Fast mode
1.3
µs
Capacitive load for each bus line
Cb
I2C Fast mode
400
pF
Noise margin at a “L” level in each device
connected (including hysteresis)
VnL
I2C Fast mode
0.1
×
DVDD
V
Noise margin at a “H” level in each device
connected (including hysteresis)
VnH
I2C Fast mode
0.1
×
DVDD
V
Pulse width of spikes which must be suppressed
by the input filter
tsp
I2C Fast mode
0
50
ns
SDA reception possible time, after an oscillation
start
tPUP1
2
ms
Playback time
tVCYC
20
ms
BUSYB change time from "H" to "L", after a
command is inputted
tCB
300
µs
CSB “H” level pulse width
tCSW
CSB use mode
50
ns
Oscillation stop time, after playback
tOSST
500
µs
Next command transmit time
In the case of the continuation playback
tNCM
10
ms
Next command transmit time
after shifting to a standby state
tCMS
CSB use mode
50
ns
Disconnection judging time
by the DISCONNECT command
tDCD
100
ms
BUSYB change time from "L" to "H",after
Over-current detection of a speaker amplifier
tSD
80
µs
Processing time before playback start
tPLBF
0.3
2.1
ms
Processing time after playback start
tPLAF
0.15
1.2
ms
Fade-out time at Change Immediately mode or
Change Immediately Once mode
tFDO
22
ms
Note: Output pin load capacitance = 45 pF


Podobny numer części - ML22Q394

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
More results

Podobny opis - ML22Q394

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
   ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL22Q394-03 ETC2-FEDL22Q394-03 Datasheet
1Mb / 42P
   ADPCM Speech Synthesis LSI
FEDL22321-01 ETC2-FEDL22321-01 Datasheet
1Mb / 35P
   ADPCM Speech Synthesis LSI
FEDL22340-02 ETC2-FEDL22340-02 Datasheet
1Mb / 37P
   ADPCM Speech Synthesis LSI
ML22808 ETC2-ML22808 Datasheet
601Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
FEDL2280X-04 ETC2-FEDL2280X-04 Datasheet
584Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
logo
OKI electronic componet...
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com