Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML22802-XXX Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części ML22802-XXX
Szczegółowy opis  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

ML22802-XXX Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  ML22802-XXX Datasheet HTML 1Page - List of Unclassifed Manufacturers ML22802-XXX Datasheet HTML 2Page - List of Unclassifed Manufacturers ML22802-XXX Datasheet HTML 3Page - List of Unclassifed Manufacturers ML22802-XXX Datasheet HTML 4Page - List of Unclassifed Manufacturers ML22802-XXX Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22802-XXX Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22802-XXX Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22802-XXX Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22802-XXX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
The table below summarizes the differences between the ML2216 and the ML2280X.
Item
ML2216
ML2280X
CPU interface
Serial
Serial
Playback method
4-bit ADPCM2
8-bit straight PCM
8-bit non-linear PCM
16-bit straight PCM
4-bit ADPCM2
8-bit straight PCM
8-bit non-linear PCM
16-bit straight PCM
Maximum number of phrases
256
256 up to 1024 (per bank)
Sampling frequency (kHz)
4.0/5.3/6.4/
8.0/10.7/12.8
16.0
4.0/5.3/6.4/
8.0/10.7/12.8
16.0
Clock frequency
4.096 MHz (has a crystal
oscillator circuit built-in)
4.096 MHz (has a crystal
oscillator circuit built-in)
D/A converter
Current-type 12-bit
Current-type 12-bit
Low-pass filter
3D comb filter
3D comb filter
Speaker driving amplifier
Built-in type;
0.3W (at 8
Ω, VDD=5V)
No
Edit ROM
Yes
Yes
Volume control
16 levels
16 levels
Silence insertion
Yes
20 to 1024 ms (4 ms steps)
Yes
20 to 1024 ms (4 ms steps)
Repeat function
Yes
Yes
Interval at which a seam is
silent during continuous
playback (*1)
No
No
Memory bank switching
No
Yes
Package
44-pin QFP
30-pin SSOP
*1: Continuous playback as shown below is possible.
1 phrase
1 phrase
No silence interval
2/41


Podobny numer części - ML22802-XXX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Linear Corporatio...
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
ML2280BCP MICRO-LINEAR-ML2280BCP Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
ML2280BCS MICRO-LINEAR-ML2280BCS Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
ML2280BIP MICRO-LINEAR-ML2280BIP Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
ML2280BIS MICRO-LINEAR-ML2280BIS Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
More results

Podobny opis - ML22802-XXX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FEDL2280X-04 ETC2-FEDL2280X-04 Datasheet
584Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
logo
OKI electronic componet...
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
   ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
   ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
   ADPCM Speech Synthesis LSI
FEDL22Q394-03 ETC2-FEDL22Q394-03 Datasheet
1Mb / 42P
   ADPCM Speech Synthesis LSI
FEDL22321-01 ETC2-FEDL22321-01 Datasheet
1Mb / 35P
   ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com