Zakładka z wyszukiwarką danych komponentów |
|
P0080SAMCL Arkusz danych(PDF) 1 Page - Littelfuse |
|
P0080SAMCL Arkusz danych(HTML) 1 Page - Littelfuse |
1 / 2 page R oHS www.littelfuse.com 3 - 8 © 2006 Littelfuse • Telecom Design Guide MicroCapacitance (MC) SA SIDACtor® Device These DO-214AA SAMC SIDACtor devices are intended for applications sensitive to load values. Typically, high speed connections, such as Ethernet, xDSL, and T1/E1, require a lower capacitance. CO values for the MicroCapacitance device are 40% lower than a standard SA part. This SAMC SIDACtor series enables equipment to comply with various regulatory requirements including GR 1089, ITU K.20, K.21, and K.45, IEC 60950, UL 60950, and TIA- 968-A (formerly known as FCC Part 68). * “L” in part number indicates RoHS compliance. For non-RoHS compliant device, delete “L” from part number. For surge ratings, see table below. General Notes: • All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range. • IPP is a repetitive surge rating and is guaranteed for the life of the product. • Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities. • VDRM is measured at IDRM. • VS is measured at 100 V/µs. • Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request. * Current waveform in µs ** Voltage waveform in µs Electrical Parameters Part Number * VDRM Volts VS Volts VT Volts IDRM µAmps IS mAmps IT Amps IH mAmps P0080SAMCL 6 25 4 5 800 2.2 50 P0220SAMCL 15 32 4 5 800 2.2 50 P0300SAMCL 25 40 4 5 800 2.2 50 Surge Ratings in Amps IPP ITSM 50 / 60 Hz di/dt 0.2x310 * 0.5x700 ** 2x10 * 2x10 ** 8x20 * 1.2x50 ** 10x160 * 10x160 ** 10x560 * 10x560 ** 5x320 * 9x720 ** 10x360 * 10x360 ** 10x1000 * 10x1000 ** 5x310 * 10x700 ** Amps Amps Amps Amps Amps Amps Amps Amps Amps Amps Amps/µs A 20 150 150 90 50 75 75 45 75 20 500 ¨ |
Podobny numer części - P0080SAMCL |
|
Podobny opis - P0080SAMCL |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |