Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK1667 Arkusz danych(PDF) 5 Page - Hitachi Semiconductor

Numer części 2SK1667
Szczegółowy opis  Silicon N-Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITACHI [Hitachi Semiconductor]
Strona internetowa  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK1667 Arkusz danych(HTML) 5 Page - Hitachi Semiconductor

  2SK1667 Datasheet HTML 1Page - Hitachi Semiconductor 2SK1667 Datasheet HTML 2Page - Hitachi Semiconductor 2SK1667 Datasheet HTML 3Page - Hitachi Semiconductor 2SK1667 Datasheet HTML 4Page - Hitachi Semiconductor 2SK1667 Datasheet HTML 5Page - Hitachi Semiconductor 2SK1667 Datasheet HTML 6Page - Hitachi Semiconductor 2SK1667 Datasheet HTML 7Page - Hitachi Semiconductor 2SK1667 Datasheet HTML 8Page - Hitachi Semiconductor 2SK1667 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2SK1667
5
Reverse Drain Current I
(A)
DR
0.2
0.5
1
2
5
10
20
5
10
20
50
100
200
500
di / dt = 100 A / s
V
= 0, Ta = 25°C
µ
GS
Body to Drain Diode Reverse
Recovery Time
Drain to Source Voltage V
(V)
0
10
20
30
40
50
1
10
100
1000
DS
Ciss
Coss
Crss
V
= 0
f = 1 MHz
GS
Typical Capacitance vs. Drain
Source Voltage
Gate Charge Qg (nc)
0
8
500
0
4
8
12
16
20
100 V
100 V
50 V
I = 7 A
D
VGS
V
= 50 V
DD
V
= 200 V
DD
VDS
200 V
400
300
200
100
16
24
32
40
Dynamic Input Characteristics
Drain Current I
(A)
0.1
0.2
0.5
1
2
5
10
10
20
50
100
200
500
V
= 10 V, V
30 V
PW = 2
s, duty
1 %
GS
DD
µ
=
.
.
td (off)
tf
tr
td (on)
D
5
Switching Characteristics


Podobny numer części - 2SK1667

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
2SK1667 RENESAS-2SK1667 Datasheet
80Kb / 7P
   Silicon N Channel MOS FET
logo
Inchange Semiconductor ...
2SK1667 ISC-2SK1667 Datasheet
64Kb / 2P
   Fast Switching Speed
logo
Renesas Technology Corp
2SK1667-E RENESAS-2SK1667-E Datasheet
80Kb / 7P
   Silicon N Channel MOS FET
More results

Podobny opis - 2SK1667

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com