Zakładka z wyszukiwarką danych komponentów |
|
MC-45V16AD641EF-A10 Arkusz danych(PDF) 6 Page - NEC |
|
MC-45V16AD641EF-A10 Arkusz danych(HTML) 6 Page - NEC |
6 / 6 page Data Sheet M13823EJ6V0DS00 6 MC-45V16AD641 DC Characteristics (Recommended Operating Conditions Unless Otherwise Noted) Parameter Symbol Test condition Grade MIN. MAX. Unit Notes Operating current (Prefetch ICC1PtRC ≥ tRC (MIN.) -A75 880 mA 1 mode at one bank active) Prefetch is executed one time during tRC. -A10 840 Operating current (Restore ICC1RtRC ≥ tRC (MIN.) -A75 880 mA 1 mode at one bank active) -A10 840 Precharge standby current ICC2P CKE ≤ VIL (MAX.), tCK = 15 ns 16 mA in power down mode ICC2PS CKE ≤ VIL (MAX.), tCK = ∞ 8 Precharge standby current in non power down mode ICC2NCKE ≥ VIH (MIN.), tCK = 15 ns, /CS ≥ VIH (MIN.), Input signals are changed one time during 30 ns. 400 mA ICC2NS CKE ≥ VIH (MIN.), tCK = ∞ , Input signals are stable. 128 Active standby current in ICC3P CKE ≤ VIL (MAX.), tCK = 15 ns 80 mA power down mode ICC3PS CKE ≤ VIL (MAX.), tCK = ∞ 64 Active standby current in ICC3NCKE ≥ VIH (MIN.), tCK = 15 ns, /CS ≥ VIH (MIN.), 400 mA non power down mode Input signals are changed one time during 30 ns. ICC3NS CKE ≥ VIH (MIN.), tCK = ∞, Input signals are stable. 160 Operating current ICC4 tCK ≥ tCK (MIN.), IO = 0 mA -A75 720 mA 2 (Burst mode) Background : precharge standby -A10 600 Auto refresh current ICC5 tRC ≥ tRC (MIN.) -A75 1,280 mA 3 -A10 1,120 Self refresh current ICC6 CKE ≤ 0.2 V-A75 16 mA -A10 16 Input leakage current II (L) VI = 0 to 3.6 V, All other pins not under test = 0 V –16 +16 µA Input leakage current (CKE1) –500 +500 µA Output leakage current IO (L) DOUT is disabled, VO = 0 to 3.6 V –1.5 +1.5 µA High level output voltage VOH IO = – 4.0 mA 2.4 V Low level output voltage VOL IO = + 4.0 mA 0.4 V Notes 1. ICC1 depends on output loading and cycle rates. Specified values are obtained with the output open. In addition to this, ICC1 is measured on condition that addresses are changed only one time during tCK (MIN.). 2.ICC4 depends on output loading and cycle rates. Specified values are obtained with the output open. In addition to this, ICC4 is measured on condition that addresses are changed only one time during tCK (MIN.). 3. ICC5 is measured on condition that addresses are changed only one time during tCK (MIN.). 5 5 5 5 5 |
Podobny numer części - MC-45V16AD641EF-A10 |
|
Podobny opis - MC-45V16AD641EF-A10 |