Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-230PJ Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części Z-230PJ
Szczegółowy opis  xDSL over POTS In-Line Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

Z-230PJ Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  Z-230PJ Datasheet HTML 1Page - List of Unclassifed Manufacturers Z-230PJ Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Z-BLOCKER
® Z-230PJ
xDSL over POTS In-Line Filter
Z-BLOCKER® Z-230PJ Filter Specifications
Line side differential input blocking impedance
At 20 kHz
>2k
At 30 kHz
>3k
From 5 MHz to 10 MHz
>2k
1 kHz insertion loss between 600 Ω resistive
Single filter
<0.4
With 5 filters
<0.6
1 kHz/2.8 kHz slope between 600 Ω resistive
Single filter
<0.1
With 5 filters
<1.1
DC resistance in Ohms
Tip to Tip, and Ring to Ring
<12
Tip to Ring
>10M
Longitudinal Balance per IEEE method
From 200 - 1 kHz
>58 dB
From 1 kHz - 3 kHz
>53 dB
Common mode rejection at 40 kHz and 30 MHz
>45dB
Low pass roll off (slope) between 600 Ohm and ADSL Transmission Unit - Remote
>26dB
Inter-Modulation Distortion First and Second order products
>60dB
Envelope Delay 300 Hz - 2800 Hz
<100μs
600Ω Return Loss into phone side with 600Ω line termination with ATU-R
Single filter
SRL Low
>30dB
ERL
>14dB
SRL High
>17dB
+2 bridged filter
SRL Low
>36dB
ERL
>23dB
SRL High
>13dB
+4 bridged filter
SRL Low
>26dB
ERL
>15dB
SRL High
>8dB
Complex* Return Loss with ATU-R
Single filter
SRL Low
>27dB
Single filter
ERL
>14dB
Single filter
SRL High
>6dB
+2 bridged filters
SRL Low
>19dB
ERL
>14dB
SRL High
>3dB
+4 bridged filters
SRL Low
>15dB
ERL
>7dB
SRL High
>2dB
* 1330Ω in parallel with (100nfd in series with 348Ω)
DC Loop Current - Meets specifications between 20 and 100 milliamps DC
Connectors: RJ-11 Jack and RJ-11 Plug
RJ11 pins have ≥50 micro-inches of gold plating over ≥100 micro-inches of nickel plating
Compliant and listed with UL / CSA 60950, FCC CFR 47 Part 68
Pulse Singapore - 135 Joo Seng Rd.#03-02PM Industrial Bldg.Singapore 368363 Tel: +65 6287 8998
Pulse Taiwan - 3F, #198, Zhongyuan Rd., Zhongli City Taoyuan, County 32068, Taiwan Tel: +886 3435 6768
Pulse US - 12220 World Trade Drive, San Diego, CA. 92128 Tel: +1 858 674 8100
www.pulseelectronics.com
Specifications subject to change without notice. Excelsus is a registered trade mark of Pulse Electronics.
© 2012 Pulse Electronics.
EX110.C (02/12)
Dimensions: Length 2.12in (54mm), Width 1.21in (30.85mm), Height 0.72in (18.34mm), Cable Length = 3.78in (96mm)
± 1.0 mm on outline dimension. ±10.0 mm on length of cable


Podobny numer części - Z-230PJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
Z-230PJ PULSE-Z-230PJ Datasheet
532Kb / 2P
   Z-BLOCKER Z-230PJxDSL over POTS In-Line Filter
More results

Podobny opis - Z-230PJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
Z-400UK PULSE-Z-400UK Datasheet
408Kb / 3P
   xDSL over POTS In-Line Filter
Z-321NFW-50 PULSE-Z-321NFW-50 Datasheet
338Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NF PULSE-Z-321NF Datasheet
368Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NF-ST PULSE-Z-321NF-ST Datasheet
438Kb / 2P
   xDSL over POTS In-Line Filter
Z-300TJ PULSE-Z-300TJ Datasheet
283Kb / 2P
   xDSL over POTS In-Line Filter
Z-321P2J PULSE-Z-321P2J Datasheet
389Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NFW PULSE-Z-321NFW Datasheet
354Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NF-50 PULSE-Z-321NF-50 Datasheet
369Kb / 2P
   xDSL over POTS In-Line Filter
Z-330PJ PULSE-Z-330PJ Datasheet
307Kb / 2P
   xDSL over POTS CPE In-Line Filter
Z-330P2J-A PULSE-Z-330P2J-A Datasheet
338Kb / 2P
   xDSL over POTS CPE In-Line Filter
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com