Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U022-010 Arkusz danych(PDF) 2 Page - Tripp Lite. All Rights Reserved

Numer części U022-010
Szczegółowy opis  USB 2.0 Hi-Speed A/B Cable (M/M) 10-ft.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U022-010 Arkusz danych(HTML) 2 Page - Tripp Lite. All Rights Reserved

  U022-010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U022-010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved U022-010 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved U022-010 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UPC ASSIGNMENT
Unit Carton UPC#
037332100023
PHYSICAL
Color
Black
Style
USB
CONNECTIONS
Connector A
USB A (MALE)
Connector B
USB B (MALE)
CERTIFICATIONS
Certifications
RoHS-Compliant
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
Related Items
Optional Products
Model Number
Description
Qty.
U022-006
6-ft. USB2.0 A/B Gold Device Cable
(A Male to B Male)
1
U022-010
10-ft. USB2.0 A/B Gold Device Cable
(A Male to B Male)
1
U024-006
6-ft. USB A/A Gold Extension Cable for USB2.0 Cable
(USB-A M/F)
1
U024-010
10-ft. USB A/A Gold Extension Cable for USB2.0 Cable
(USB-A M/F)
1
U209-000-R
USB to Serial Adapter
(USB-A Male to DB9M)
1
U222-004-R
4-Port USB2.0 Ultra-Mini Hub
1
More information, including related products, owner's manuals, and additional technical specifications, can be found online at:
http://www.tripplite.com/sku/U022-010.
2 / 3


Podobny numer części - U022-010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
U022-010-BE TRIPPLITE-U022-010-BE Datasheet
161Kb / 2P
   USB 2.0 A/B Cable (M/M), Beige, 10 ft.
U022-010-COIL TRIPPLITE-U022-010-COIL Datasheet
160Kb / 2P
   USB 2.0 A/B Coiled Cable (M/M), 10 ft.
U022-010-R TRIPPLITE-U022-010-R Datasheet
477Kb / 4P
   USB 2.0 Hi-Speed A/B Cable (M/M) 10-ft.
More results

Podobny opis - U022-010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
U022-010-R TRIPPLITE-U022-010-R Datasheet
477Kb / 4P
   USB 2.0 Hi-Speed A/B Cable (M/M) 10-ft.
U022010R TRIPPLITE-U022010R Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 10-ft
U022010 TRIPPLITE-U022010 Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 10-ft
U022006 TRIPPLITE-U022006 Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 6-ft
U022006R TRIPPLITE-U022006R Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 6-ft
U022-006 TRIPPLITE-U022-006 Datasheet
477Kb / 4P
   USB 2.0 Hi-Speed A/B Cable (M/M) 6-ft.
U022-015 TRIPPLITE-U022-015 Datasheet
477Kb / 4P
   USB 2.0 Hi-Speed A/B Cable (M/M) 15-ft.
U021003 TRIPPLITE-U021003 Datasheet
467Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 3-ft
U022015 TRIPPLITE-U022015 Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 15-ft
U050010 TRIPPLITE-U050010 Datasheet
477Kb / 2P
   USB 2.0 Hi-Speed A to Micro-B Cable (M-M), 10-ft
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com