Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DMW24S12-1250 Arkusz danych(PDF) 3 Page - Wall Industries,Inc.

Numer części DMW24S12-1250
Szczegółowy opis  15.3 Watts DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WALL [Wall Industries,Inc.]
Strona internetowa  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DMW24S12-1250 Arkusz danych(HTML) 3 Page - Wall Industries,Inc.

  DMW24S12-1250 Datasheet HTML 1Page - Wall Industries,Inc. DMW24S12-1250 Datasheet HTML 2Page - Wall Industries,Inc. DMW24S12-1250 Datasheet HTML 3Page - Wall Industries,Inc. DMW24S12-1250 Datasheet HTML 4Page - Wall Industries,Inc. DMW24S12-1250 Datasheet HTML 5Page - Wall Industries,Inc. DMW24S12-1250 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/24/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 6
DMW Ultra Wide Series
Single and Dual Output
4:1 Ultra Wide Input Voltage Range
Up to 15.3 Watts DC/DC Converters
Rev C
Efficiency vs Input Voltage (Single Output)
Efficiency vs Input Voltage (Dual Output)
Efficiency vs Output Load (Single Output)
Efficiency vs Output Load (Dual Output)
Derating Curve without Heatsink
Derating Curve with Heatsink
Low
Nom
High
100
90
80
70
60
50
Input Voltage (V)
Low
Nom
High
100
90
80
70
60
50
Input Voltage (V)
90
80
70
60
50
40
30
10
20
40
60
80
100
Load Current (%)
60
50
40
40
60
10
20
80
100
Load Current (%)
30
70
80
90
400LFM
100LFM
200LFM
Natural
Convection
100
80
60
40
20
0
~
-40
50
60
70
80
90
100
110
Ambient Temperature (°C)
100
80
60
40
20
0
~
-40
50
60
70
80
90
100
110
Ambient Temperature (°C)
400LFM
100LFM
200LFM
Natural
Convection


Podobny numer części - DMW24S12-1250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wall Industries,Inc.
DMW24S12-1250 WALL-DMW24S12-1250 Datasheet
236Kb / 9P
   Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DMW24S12-1250 WALL-DMW24S12-1250 Datasheet
294Kb / 6P
   Single and Dual Output
More results

Podobny opis - DMW24S12-1250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
   40 Watts DC-DC Converters
JTA15 ETC1-JTA15 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
logo
Wall Industries,Inc.
DCMUA15 WALL-DCMUA15 Datasheet
292Kb / 4P
   15 Watts DC/DC Power Converters
logo
Murata Power Solutions ...
PWR5105C MURATA-PS-PWR5105C Datasheet
107Kb / 3P
   9 WATTS REGULATED DC/DC CONVERTERS
PWR1300AC MURATA-PS-PWR1300AC Datasheet
141Kb / 4P
   1.5 Watts Unregulated DC/DC Converters
logo
Wall Industries,Inc.
DCMUA15 WALL-DCMUA15_16 Datasheet
385Kb / 4P
   15 Watts DC/DC Power Converters
logo
Murata Power Solutions ...
PWR1200C MURATA-PS-PWR1200C Datasheet
209Kb / 4P
   3 Watts Unregulated DC/DC Converters
logo
List of Unclassifed Man...
WR201 ETC1-WR201 Datasheet
516Kb / 2P
   DC/DC Converters 7.5 Watts WR Series
logo
Vicor Corporation
VI-J00 VICOR-VI-J00 Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-200 VICOR-VI-200 Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com