Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1S8-C Arkusz danych(PDF) 1 Page - PANDUIT CORP.

Numer części TA1S8-C
Szczegółowy opis  4-Way Tie Anchor Mounts-Screw Applied
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANDUIT [PANDUIT CORP.]
Strona internetowa  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

TA1S8-C Arkusz danych(HTML) 1 Page - PANDUIT CORP.

  TA1S8-C Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
4-Way Tie Anchor Mounts – Screw Applied
• 4-way cable tie entry makes part orientation fast and easy
• Small overall size allows for use where space is limited
‡Cable tie cross section sizes: M = Miniature, I = Intermediate, S = Standard, SGM = Super-Grip ® Miniature, SGI = Super-Grip ® Intermediate,
and SGS = Super-Grip ® Standard.
.38
(9.5)
.75
(19.0)
.20
(5.1)
• Install perpendicular to the wire bundle
• Elongated slot permits cable bundle adjustment in application
• Low profile design keeps bundle close to mounting surface where
overhead space is limited
• Material: Nylon 6.6
‡Cable tie cross section sizes: M = Miniature, I = Intermediate, and S = Standard.
.195"
(5.0)
.50"
(12.7)
.125"
(3.2)
1.23"
(31.2)
Part Number
Used with
Cable Ties‡
Color
Environment
Mounting
Method
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
TA2-C
M, I, S
Natural
Indoors
#10 (M5) Screw
100
1000
TA2-M
1000
5000
Tie Anchor Mounts – Screw Applied
Part Number
Used With
Cable Ties‡
Hole Diameter
Material
Color
Environment
Mounting
Method
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
TA1S8-C
M, I, S
0.17
4.3
Nylon 6.6
Natural
Indoors
#8 (M4) Screw
100
500
TA1S8-M0
0.17
4.3
Weather
Resistant Nylon
6.6
Black
Outdoors
#8 (M4) Screw
1000
5000
TA1S8-M30
0.17
4.3
Heat Stabilized
Nylon 6.6
Black
Indoors
#8 (M4) Screw
1000
5000
TA1S8-M69
0.17
4.3
Flame Retardant
Nylon 6.6
Natural
Indoors
#8 (M4) Screw
1000
5000
TA1S10-C
0.17
4.3
Nylon 6.6
Natural
Indoors
#10 (M5)
Screw
100
500
TA1S10-M0
0.20
5.1
Weather
Resistant Nylon
6.6
Black
Outdoors
#10 (M5)
Screw
1000
5000
Super-Grip ® Cable Tie Mounts
SGTA1S8-C
SGM,SGI,SGS
0.17
4.3
Nylon 6.6
Natural
Indoors
#8 (M4) Screw
100
500


Podobny numer części - TA1S8-C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PANDUIT CORP.
TA1S8-C PANDUIT-TA1S8-C Datasheet
81Kb / 2P
   Easy Selection Guide For Adhesive Backed Cable Tie Mounts
More results

Podobny opis - TA1S8-C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PANDUIT CORP.
TM1A-C PANDUIT-TM1A-C Datasheet
73Kb / 1P
   Tie Mounts - Applied with User Supplied Adhesives
logo
List of Unclassifed Man...
FTH-34-01 ETC-FTH-34-01 Datasheet
19Kb / 1P
   TIE ANCHOR MOUNT
21/02/11
CTM10C2 ETC-CTM10C2 Datasheet
141Kb / 4P
   Cable Tie Anchor Mount, .58
logo
PANDUIT CORP.
SG100M-C PANDUIT-SG100M-C Datasheet
291Kb / 4P
   SUPER-GRIP??Cable Ties & Cable Tie Mounts
ABM1M-A-C PANDUIT-ABM1M-A-C Datasheet
191Kb / 1P
   Tak-Ty Hook Loop Cable Tie Mounts
logo
OEN India Limited
04-SM1X OENINDIA-04-SM1X Datasheet
43Kb / 1P
   Standard Nylon Screw Mounts
logo
List of Unclassifed Man...
TDS ETC-TDS Datasheet
1Mb / 6P
   SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
481-0200 ETC2-481-0200 Datasheet
113Kb / 2P
   Screw Mount Cable Tie
logo
PANDUIT CORP.
KIMS-H430-C6 PANDUIT-KIMS-H430-C6 Datasheet
81Kb / 2P
   Easy Selection Guide For Adhesive Backed Cable Tie Mounts
logo
Tripp Lite. All Rights ...
P568-000-LOCK TRIPPLITE-P568-000-LOCK Datasheet
197Kb / 2P
   HDMI Cable Lock - Clamp/Tie/Screw
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com