Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP4719 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części HLMP4719
Szczegółowy opis  LOW CURRENT T-100 T-1 3/4
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HLMP4719 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  HLMP4719 Datasheet HTML 1Page - Fairchild Semiconductor HLMP4719 Datasheet HTML 2Page - Fairchild Semiconductor HLMP4719 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Parameter
HER
YELLOW
GREEN
UNITS
Power Dissipation (derated from 92
°C at 1mA/°C)
27
24
27
mW
Peak Forward Current (PW
≤ 1 ms, DF ≤ 30 %)
25
20
25
mA
Continuous Forward Current
7.5
7.5
7.5
mA
Lead Soldering Time at 260
° C
5
5
5
sec
Reverse Breakdown Voltage (V)
5
5
5
IR = 100µA
Operating Temperature
-55 to +100
-55 to +100
-55 to +100
°C
Storage Temperature
-55 to +100
-55 to +100
-55 to +100
°C
ABSOLUTE MAXIMUM RATING (TA =25°C)
HER
YELLOW
GREEN
Parameter
HLMP-1700/4700
HLMP-1719/4719
HLMP-1790/4740
Condition
(MV2454)
Luminous Intensity (mcd)
IF = 2mA
Minimum
1.0/1.2
1.0/1.2
1.0/1.2
Typical
2.0/2.0
2.0/2.0
2.0/3.0
Forward Voltage (V)
IF = 2mA
Maximum
2.2
2.7
2.7
Typical
1.8
1.9
1.9
Peak Wavelength (nm)
635
585
565
IF = 2mA
Spectral Line Half Width
45
35
30
IF = 2mA
Viewing Angle (°)
50/35
50/35
50/35
IF = 2mA
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
LOW CURRENT T-100 & T-1 3/4
SOLID STATE LAMPS
www.fairchildsemi.com
2 OF 3
3/14/01
DS300016


Podobny numer części - HLMP4719

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HLMP-0103 HP-HLMP-0103 Datasheet
118Kb / 2P
   Panel Mount Clip and Retaining Ring
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-0103 AVAGO-HLMP-0103 Datasheet
112Kb / 2P
   T-13/4 (5 mm) Panel Mount Clip and Retaining Ring
logo
QT Optoelectronics
HLMP-0300 QT-HLMP-0300 Datasheet
252Kb / 3P
   RECTANCULAR SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-0300 FAIRCHILD-HLMP-0300 Datasheet
36Kb / 4P
   2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-0300 HP-HLMP-0300 Datasheet
146Kb / 4P
   2.5 mm x 7.6 mm Rectangular LED Lamps
More results

Podobny opis - HLMP4719

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Everlight Electronics C...
HLMP1700 EVERLIGHT-HLMP1700 Datasheet
258Kb / 4P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-4740 FAIRCHILD-HLMP-4740 Datasheet
164Kb / 3P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
QT Optoelectronics
HLMP-1700 QT-HLMP-1700 Datasheet
183Kb / 2P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
Marktech Corporate
MT540-R2 MARKTECH-MT540-R2 Datasheet
28Kb / 1P
   T-1 3/4 LOW CURRENT SERIES
logo
Everlight Electronics C...
HLMP1700C6A0 EVERLIGHT-HLMP1700C6A0 Datasheet
258Kb / 4P
   LOW CURRNET T-100 T-1 3/4 SOLID STATE LAMPS
logo
Marktech Corporate
MT620-R MARKTECH-MT620-R Datasheet
29Kb / 1P
   STANDARD T-1 3/4 LOW CURRENT LED LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com