Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U10A2CIA Arkusz danych(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Numer części U10A2CIA
Szczegółowy opis  10.0 Ampere Insulated Common Anode Ultra Fast Recovery Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Strona internetowa  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

U10A2CIA Arkusz danych(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  U10A2CIA Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. U10A2CIA Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
200
140
200
400
280
400
600
420
600
10.0
10.0
100
1.3
1.7
0.98
35
250
65
2.2
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oCW
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 5.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
R JC
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
Unit : inch (mm)
®
U10A2CIA thru U10A6CIA
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Pb Free Plating Product
U10A2CIA thru U10A6CIA
Pb
10.0 Ampere Insulated Common Anode Ultra Fast Recovery Diodes
Positive
Negative
Doubler
Common Cathode
Case
Case
Case
Common Anode
Suffix "A"
Suffix "D"
Suffix "C"
ITO-220AB
.189(4.8)
.406(10.3)
.130(3.3)
.114(2.9)
.071(1.8)
.055(1.4)
.035(0.9)
.011(0.3)
(2.55)
(2.55)
.1
.1
.032(.8)
.134(3.4)
.165(4.2)
.381(9.7)
.114(2.9)
.098(2.5)
.055(1.4)
.039(1.0)
MAX
.118(3.0)
Tandem Polarity
U10A2CIA U10A4CIA U10A6CIA
Rev.04
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Isolation ITO-220AB full plastic
High surge current capability
Weight: 2.03 gram approxiamtely
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
Application
Automotive Inverters/Solar Inverters
Plating Power Supply,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
Glass passivation pellet


Podobny numer części - U10A2CIA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
U10A2CIA KEC-U10A2CIA Datasheet
441Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
More results

Podobny opis - U10A2CIA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Thinki Semiconductor Co...
MURF1020CTR THINKISEMI-MURF1020CTR Datasheet
557Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifier
MURF1020CTR-CT THINKISEMI-MURF1020CTR-CT Datasheet
639Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifier
MURF1020N-CT THINKISEMI-MURF1020N-CT Datasheet
636Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifier
MUR1020FCA THINKISEMI-MUR1020FCA Datasheet
758Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifiers
MUR1080FCA THINKISEMI-MUR1080FCA Datasheet
362Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifiers
MURF1080CTR THINKISEMI-MURF1080CTR Datasheet
362Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifiers
S10A2CIA THINKISEMI-S10A2CIA Datasheet
558Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifiers
FML22R THINKISEMI-FML22R Datasheet
639Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifiers
MURF1080CTA THINKISEMI-MURF1080CTA Datasheet
441Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifiers
R10U02RF THINKISEMI-R10U02RF Datasheet
279Kb / 2P
   10.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
Rev.12T
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com