Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U200024 Arkusz danych(PDF) 1 Page - E-SWITCH

Numer części U200024
Szczegółowy opis  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  E-SWITCH [E-SWITCH]
Strona internetowa  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

U200024 Arkusz danych(HTML) 1 Page - E-SWITCH

  U200024 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
RDTCR04S2R
4/4/2013
U200024
A
EBP
1
1
1
C
2
PCB LAYOUT
C
1
2
2
REAL CODE
0
C
1
3
2
1
A
21092
RELEASE TO PRODUCTION
4/4/13
EBP
6.50
[.256 in]
10.00
[.394 in]
10.00
[.394 in]
NOTES:
1. ALL DIMESNIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=`0.4
X.XX=`0.25
3. TERMINAL NUMBERS FOR REFERENCE ONLY
4. OPERATING FORCE: 700gf-cm MAX.
5. CONTACT RATING: 150mA, 42V DC (SWITCHING)
200mA 42V DC (NON-SWITCHING)
6. CONTACT RESISTANCE: 80mW
W
W
W MAX.
7. INSULATION RESISTANCE: 100MW
W
W
W MIN @ 250VDC
8. DIELECTRIC STRENGTH: 250VAC 1 MIN.
9. LIFE: 10,000 STEPS
10. OPERATING TEMPERATURE: -40~C TO 85~C
11. PACKAGING:600 PIECES PER REEL
12. IP RATING: NONE
13.
DENOTES CRITICAL PARAMETER
14. 2002/95/EC (ROHS) COMPLIANT
2.20
[.087 in]
n9.60
[.378 in]
.20
[.008 in]
6.80
[.268 in]
.54
[.021 in]
2.54
[.100 in]
5.08
[.200 in]
12.00
[.472 in]
2.60
[.102 in]
5.08
[.200 in]
2.54
[.100 in]
14.60
[.575 in]
1.20
[.047 in]


Podobny numer części - U200024

ProducentNumer częściArkusz danychSzczegółowy opis
logo
E-SWITCH
U200020 E-SWITCH-U200020 Datasheet
95Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
U200021 E-SWITCH-U200021 Datasheet
95Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
U200022 E-SWITCH-U200022 Datasheet
113Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
U200023 E-SWITCH-U200023 Datasheet
102Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
U200025 E-SWITCH-U200025 Datasheet
97Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Podobny opis - U200024

ProducentNumer częściArkusz danychSzczegółowy opis
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com