Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST482-U1 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części ST482-U1
Szczegółowy opis  MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

ST482-U1 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  ST482-U1 Datasheet HTML 1Page - List of Unclassifed Manufacturers ST482-U1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AZ683
7/24/02W
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ±0.010"
0.16
[4.0]
WIRING DIAGRAM
(Bottom View)
5
1
4
2
3
0.010
[0.26]
0.99
[25.2]
1.14
[29.0]
PC BOARD LAYOUT
(Bottom View)
3- Ø0.05
[1.3]
0.295
[7.5]
0.138
[3.5]
2- Ø0.035
[0.9]
0.787
[20.0]
0.08
[2.1]
0.138
[3.5]
0.023 [0.58] x 0.23 [0.58]
0.016 [0.4] x 0.04 [1.015]
0.011 [0.279] x 0.04 [1.015]
DimensionsTol.:
± 0.005 [0.13]
0.51
[13.0]
4
3
Terminal
Number
1, 5
2
.125
(3.2)
DIA
.414
(10.5)
1.22
(30.9)
.500
(12.7)
1.28
(32.5)
.354
(9.0)
.177
(4.5)
MAX.
.366
(9.3)
.059
(1.5)
DIA
.276
(7.0)
.295
(7.5)
.792
(20.1)
.118
(3.0)
1.217
(30.9)
1.004
(26.5)
.138
(3.5)
RETAINING
CLIP
.158
(4.0)
ST482-U1
HARDWARE ORDERING DATA
DESCRIPTION
ORDER NUMBER
DESCRIPTION
ORDER NUMBER
Socket
ST482–U1
Retainer
ST482–2
RELAY ORDERING DATA
COIL SPECIFICATIONS - AC Coil
ORDER NUMBER
Nominal Coil
Must Operate
Max. Continuous
Nominal Current
Coil Resistance
Form C
VAC
VAC
VAC
mA ±10%
±10%
(SPDT)
6
4.8
7.8
150.0
16
AZAZ683-1C-6A
12
9.6
15.6
75.0
65
AZ683-1C-12A
24
19.2
31.2
37.5
260
AZ683-1C-24A
50
40.0
65.0
18.0
1130
AZ683-1C-50A
110
88.0
143.0
10.6
4600
AZ683-1C-110A
220
176.0
286.0
5.3
20200
AZ683-1C-220A
230
184.0
299.0
3.6
24900
AZ683-1C-230A
ST482-2
HARDWARE


Podobny numer części - ST482-U1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cornell Dubilier Electr...
ST480V360J012 CDE-ST480V360J012 Datasheet
260Kb / 3P
   55 째C Strobe-Flash, Long-Life, 360 & 450 V Aluminum
ST480V360J012 CDE-ST480V360J012 Datasheet
505Kb / 4P
   Strobe-Flash, Long-Life, 360 & 450 V Aluminum
ST480V360J012 CDE-ST480V360J012_13 Datasheet
505Kb / 4P
   Strobe-Flash, Long-Life, 360 & 450 V Aluminum
logo
Hammond Manufacturing L...
ST483610LG HAMMOND-ST483610LG Datasheet
102Kb / 3P
   Armoire murale en acier doux de type 4 avec toit incline
ST483610LG HAMMOND-ST483610LG Datasheet
109Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Podobny opis - ST482-U1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com