Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT574CMTC Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części 74ABT574CMTC
Szczegółowy opis  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT574CMTC Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  74ABT574CMTC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT574CMTC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT574CMTC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT574CMTC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT574CMTC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT574CMTC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT574CMTC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT574CMTC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT574CMTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
Extended AC Electrical Characteristics
(SOIC Package)
Note 8: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase
(i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.).
Note 9: This specification is guaranteed but not tested. The limits represent propagation delay with 250 pF load capacitors in place of the 50 pF load capac-
itors in the standard AC load. This specification pertains to single output switching only.
Note 10: This specification is guaranteed but not tested. The limits represent propagation delays for all paths described switching in phase
(i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.) with 250 pF load capacitors in place of the 50 pF load capacitors in the standard AC load.
Note 11: The 3-STATE Delay Times are dominated by the RC network (500
:, 250 pF) on the output and has been excluded from the datasheet.
Skew (Note 12)
(SOIC package)
Note 12: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase
(i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.).
Note 13: This specification is guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load
capacitors in the standard AC load.
Note 14: Skew is defined as the absolute value of the difference between the actual propagation delays for any two separate outputs of the same device.
The specification applies to any outputs switching HIGH-to-LOW (tOSHL), LOW-to-HIGH (tOSLH), or any combination switching LOW-to-HIGH and/or HIGH-
to-LOW (tOST). This specification is guaranteed but not tested.
Note 15: This describes the difference between the delay of the LOW-to-HIGH and the HIGH-to-LOW transition on the same pin. It is measured across all
the outputs (drivers) on the same chip, the worst (largest delta) number is the guaranteed specification. This specification is guaranteed but not tested.
Note 16: Propagation delay variation for a given set of conditions (i.e., temperature and VCC) from device to device. This specification is guaranteed but not
tested.
Capacitance
Note 17: COUT is measured at frequency f 1 MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
TA 40qC to 85qCTA 40qC to 85qC
TA 40qC to 85qC
Units
VCC 4.5V to 5.5V
VCC 4.5V to 5.5V
VCC 4.5V to 5.5V
CL 50 pF
CL 250 pF
CL 250 pF
8 Outputs Switching
(Note 9)
8 Outputs Switching
(Note 8)
(Note 10)
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
1.5
5.7
2.0
7.8
2.0
10.0
ns
tPHL
CP to On
1.5
5.7
2.0
7.8
2.0
10.0
tPZH
Output Enable Time
1.5
6.2
2.0
8.0
2.0
10.5
ns
tPZL
1.5
6.2
2.0
8.0
2.0
10.5
tPHZ
Output Disable Time
1.0
5.5
(Note 11)
(Note 11)
ns
tPLZ
1.0
5.5
Symbol
Parameter
TA 40qC to 85qC
TA 40qC to 85qC
Units
VCC 4.5V–5.5V
VCC 4.5V–5.5V
CL 50 pF
CL 250 pF
8 Outputs Switching
8 Outputs Switching
(Note 12)
(Note 13)
Max
Max
tOSHL
Pin to Pin Skew
1.0
1.8
ns
(Note 14)
HL Transitions
tOSLH
Pin to Pin Skew
1.0
1.8
ns
(Note 14)
LH Transitions
tPS
Duty Cycle
1.8
4.3
ns
(Note 15)
LH–HL Skew
tOST
Pin to Pin Skew
2.0
4.3
ns
(Note 14)
LH/HL Transitions
tPV
Device to Device Skew
2.5
4.6
ns
(Note 16)
LH/HL Transitions
Symbol
Parameter
Typ
Units
Conditions
TA 25qC
CIN
Input Capacitance
5.0
pF
VCC 0V
COUT (Note 17)
Output Capacitance
9.0
pF
VCC 5.0V


Podobny numer części - 74ABT574CMTC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ABT574CMTC FAIRCHILD-74ABT574CMTC Datasheet
120Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Podobny opis - 74ABT574CMTC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com