Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS05-100J-RC Arkusz danych(PDF) 1 Page - Allied Components International

Numer części LS05-100J-RC
Szczegółowy opis  Ferrite Core Chip Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALLIED [Allied Components International]
Strona internetowa  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

LS05-100J-RC Arkusz danych(HTML) 1 Page - Allied Components International

  LS05-100J-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LS05
Ferrite Core Chip Inductors
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
All specifications subject to change without notice.
2000
2000
800
700
700
700
650
650
650
600
530
500
470
450
400
360
350
300
270
180
IDC
(mA)
LS05-78NJ-RC
LS05-90NJ-RC
LS05-R68J-RC
LS05-1R0J-RC
LS05-1R2J-RC
LS05-1R5J-RC
LS05-1R8J-RC
LS05-2R7J-RC
LS05-3R3J-RC
LS05-3R9J-RC
LS05-4R7J-RC
LS05-5R6J-RC
LS05-6R8J-RC
LS05-8R2J-RC
LS05-100J-RC
LS05-120J-RC
LS05-150J-RC
LS05-180J-RC
LS05-220J-RC
LS05-470J-RC
Allied
Part
Number
Inductance
(uH)
Tolerance
(%)
TYP.
SRF
Min.
(MHz)
DCR
Max.
(
Ω)
.078
.090
.680
1.00
1.20
1.50
1.80
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
12.0
15.0
18.0
22.0
47.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
19
19
20
20
20
20
20
23
23
23
20
20
20
16
16
16
16
16
16
16
1440
1200
480
400
330
330
300
200
160
90
70
65
45
45
40
38
35
25
20
15
0.06
0.07
0.40
0.69
0.83
0.83
1.00
1.25
1.45
1.50
1.60
1.70
1.95
2.10
2.40
3.20
3.55
4.90
5.45
14.5
Test
Freq.
(MHz)
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
650
LS05-2R2J-RC
2.20
7.9
20
250
1.10
5
2000
800
LS05-R11J-RC
LS05-R47J-RC
.110
.470
7.9
7.9
19
19
1200
480
0.07
0.40
5
5
Q
240
LS05-270J-RC
27.0
2.5
16
19
7.80
5
Features
• 0805 SMD for Auto Insertion
• Low DCR for Low Loss Applications
• Excellent Solderability Characteristics
• High resistant to mechanical forces
• Excellent reliability in temperature and
Electrical
Inductance Range:
Tolerance: 5% Across entire range also
Test Frequency: (L/Q) .078uh to 6.8uh
Operating Temp: - 25ºC ~ 85ºC
IDC:
Inductance drop 10% Typ. from
original value with no current.
Physical
Packaging: 2000 pieces per 7inch reel.
.078uh to 47uh
Resistance to Soldering Heat
Solder Composition:
Solder Temp: 260ºC peak for 10 sec.
Test Time: 6 minutes.
Pre-Heat 150ºC, 1 minute.
Sn/Ag3.0/Cu0.5
Test Equipment
(L/Q):
(DCR): Chen Hwa 502BC
(SRF):
Marking: Single Dot Color Code.
HP4286A/HP4287A/Agilent E4991A
HP8753D/Agilent E4991
climate change
available in 10% and 20%.
tested at 7.9Mhz @ 200mv 8.2uh to 47uh
tested at 2.5MHz @ 200mv.
(IDC):
: HP4284A with HP42841A/HP4285A
with HP42841A
REVISED 12/30/08
Dimensions:
Inches
(mm)
0.040
(1.02)
(0.5)
(0.5)
(1.27)
(2.4)
(1.72)
(0.76)
(0.7)
(1.52)
(1.02)
(1.78)
0.020
0.020
0.068
0.050
0.094
0.030
0.070
0.040
0.060
0.028
Terminal wrap around:
0.15 mm min. Both Ends


Podobny numer części - LS05-100J-RC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allied Components Inter...
LS05-100J-RC ALLIED-LS05-100J-RC Datasheet
387Kb / 1P
   Ferrite Core Chip Inductors
More results

Podobny opis - LS05-100J-RC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allied Components Inter...
LS10 ALLIED-LS10 Datasheet
318Kb / 1P
   Ferrite Core Chip Inductors
FC10-R005K-RC ALLIED-FC10-R005K-RC Datasheet
381Kb / 1P
   Ferrite Core Chip Inductors
FC05 ALLIED-FC05 Datasheet
1Mb / 1P
   Ferrite Core Chip Inductors
LS03 ALLIED-LS03 Datasheet
361Kb / 1P
   Ferrite Core Chip Inductors
LS03-47NJ-RC ALLIED-LS03-47NJ-RC Datasheet
361Kb / 1P
   Ferrite Core Chip Inductors
LS05-78NJ-RC ALLIED-LS05-78NJ-RC Datasheet
387Kb / 1P
   Ferrite Core Chip Inductors
FC05-R12K-RC ALLIED-FC05-R12K-RC Datasheet
1Mb / 1P
   Ferrite Core Chip Inductors
LS10-1R2J-RC ALLIED-LS10-1R2J-RC Datasheet
317Kb / 1P
   Ferrite Core Chip Inductors
FC10 ALLIED-FC10 Datasheet
382Kb / 1P
   Ferrite Core Chip Inductors
LD05 ALLIED-LD05 Datasheet
447Kb / 1P
   Ferrite Core Chip Inductors Low Resistance
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com