Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STQN1553-2 Arkusz danych(PDF) 4 Page - Pulse A Technitrol Company

Numer części STQN1553-2
Szczegółowy opis  INTERFACE TRANSFORMERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULSE [Pulse A Technitrol Company]
Strona internetowa  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

STQN1553-2 Arkusz danych(HTML) 4 Page - Pulse A Technitrol Company

  STQN1553-2 Datasheet HTML 1Page - Pulse A Technitrol Company STQN1553-2 Datasheet HTML 2Page - Pulse A Technitrol Company STQN1553-2 Datasheet HTML 3Page - Pulse A Technitrol Company STQN1553-2 Datasheet HTML 4Page - Pulse A Technitrol Company STQN1553-2 Datasheet HTML 5Page - Pulse A Technitrol Company STQN1553-2 Datasheet HTML 6Page - Pulse A Technitrol Company STQN1553-2 Datasheet HTML 7Page - Pulse A Technitrol Company STQN1553-2 Datasheet HTML 8Page - Pulse A Technitrol Company STQN1553-2 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
PULSE SPECIALTY COMPONENTS
TWO PEARL BUCK COURT
l BRISTOL, PA 19007-6812 l TEL 215-781-6400 l FAX 215-781-6403 l www.pulsespecialty.com
Low Power Pulse Transformers — 4
Through the board
low profile MIL-PRF-21038
Interface Transformers
These non-QPL interface transformers are built and tested in ISO
9002 approved facilities. They conform to all electrical and physical
parameters of MIL-PRF-21038/27. Choose one of three operating
temperature ranges including 0
O to +70O C, -40O to +85O C, or
-55
O to +125O C.
n dual ratio, single interface (see schematic)
n through the board package
n for use in MIL-STD-1553 applications
n low profile, 0.155 in. height
n performance to MIL-PRF-21038/27 requirements
n built in ISO 9002 facility
SUMMARY PERFORMANCE SPECIFICATIONS
Impedance.................................................................................. see table, next page
Droop.............................................................................................................. < 20%
Overshoot.................................................................................................. + 1V max
Common mode rejection (CMR)................................................................. > 45 dB
Frequency range (no load)............................................................. 75 kHz to 1MHz
Operating temperature range..................................................... see table, next page
Weight....................................................................................................... < 5 grams
Insulation resistance (min)........................................... 10K megohms @ 250 Vdc
Dielectric withstanding voltage................................................................ 100 Vrms
0
O to 70OC
-40
O to +85OC
-55
O to +125OC
prefix
operating temp.
TLN
TLC
TL
APPLICABLE SPECIFICATIONS
n MIL-STD-1553B
n MIL-STD-202
n MIL-T-10727
n MIL-PRF-21038
n ISO 9002
back to “
Contents”


Podobny numer części - STQN1553-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STQ-1016 ETC-STQ-1016 Datasheet
146Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-1016 SIRENZA-STQ-1016 Datasheet
138Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
List of Unclassifed Man...
STQ-1016Z ETC1-STQ-1016Z Datasheet
216Kb / 9P
   Reliability Qualification Report
logo
SIRENZA MICRODEVICES
STQ-1016Z SIRENZA-STQ-1016Z Datasheet
138Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
STQ-2016 SIRENZA-STQ-2016 Datasheet
389Kb / 8P
   700-2500 MHz Direct Quadrature Modulator
More results

Podobny opis - STQN1553-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Coilcraft lnc.
X8390-A COILCRAFT-X8390-A Datasheet
60Kb / 1P
   xDSL Interface Transformers
X8390-A COILCRAFT-X8390-A_12 Datasheet
129Kb / 1P
   xDSL Interface Transformers
X8388-C COILCRAFT-X8388-C Datasheet
59Kb / 1P
   ADSL Interface Transformers
logo
Rhombus Industries Inc.
T-15600 RHOMBUS-IND-T-15600 Datasheet
47Kb / 1P
   ATM Interface Transformers
T-15505 RHOMBUS-IND-T-15505 Datasheet
27Kb / 1P
   ATM Interface Transformers
T-13100 RHOMBUS-IND-T-13100 Datasheet
51Kb / 1P
   T3 Interface Transformers
T-15503 RHOMBUS-IND-T-15503 Datasheet
37Kb / 1P
   ATM Interface Transformers
T-15506 RHOMBUS-IND-T-15506 Datasheet
28Kb / 1P
   ATM Interface Transformers
T-15507 RHOMBUS-IND-T-15507 Datasheet
27Kb / 1P
   ATM Interface Transformers
logo
EPCOS
B78421A1704A003 EPCOS-B78421A1704A003 Datasheet
69Kb / 2P
   xDSL Transformers ADSL Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com