Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV175 Arkusz danych(PDF) 1 Page - Hitachi Semiconductor

Numer części 74LV175
Szczegółowy opis  Quad. D-type Flip-Flops with Clear
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITACHI [Hitachi Semiconductor]
Strona internetowa  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

74LV175 Arkusz danych(HTML) 1 Page - Hitachi Semiconductor

  74LV175 Datasheet HTML 1Page - Hitachi Semiconductor 74LV175 Datasheet HTML 2Page - Hitachi Semiconductor 74LV175 Datasheet HTML 3Page - Hitachi Semiconductor 74LV175 Datasheet HTML 4Page - Hitachi Semiconductor 74LV175 Datasheet HTML 5Page - Hitachi Semiconductor 74LV175 Datasheet HTML 6Page - Hitachi Semiconductor 74LV175 Datasheet HTML 7Page - Hitachi Semiconductor 74LV175 Datasheet HTML 8Page - Hitachi Semiconductor 74LV175 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
HD74LV175A
Quad. D-type Flip-Flops with Clear
ADE-205-270 (Z)
1st Edition
April 1999
Description
Information at the D inputs of the HD74LV175A is transferred to the Q and
Q outputs on the positive going
edge of the clock pulse. Both true and complement outputs from each flip-flop are externally available.
All four flip-flops are controlled by a common clock and common clear. Clearing is accomplished by a
negative pulse at the clear input. All four Q outputs are cleared to a logic low level and all four
Q outputs
to a logic high level. Low-voltage and high-speed operation is suitable for battery-powered products (e.g.,
notebook computers), and the low-power consumption extends the battery life.
Features
• V
CC = 2.0 V to 5.5 V operation
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs V
O (Max.) = 5.5 V (@VCC = 0 V)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25°C)
• Output current ±6 mA (@V
CC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
Function Table
Inputs
Outputs
CLR
CLK
D
Q
Q
LX
X
L
H
H
HH
L
H
LL
H
H
X
no change
no change
Note:
H: High level
L: Low level
X: Immaterial
↑: Low to high transition
↓: High to low transition


Podobny numer części - 74LV175

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV174 PHILIPS-74LV174 Datasheet
121Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 May 20
logo
Texas Instruments
74LV174A TI-74LV174A Datasheet
428Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
NXP Semiconductors
74LV174D PHILIPS-74LV174D Datasheet
121Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 May 20
74LV174DB PHILIPS-74LV174DB Datasheet
121Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 May 20
74LV174N PHILIPS-74LV174N Datasheet
121Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 May 20
More results

Podobny opis - 74LV175

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HD74HC175 RENESAS-HD74HC175 Datasheet
101Kb / 7P
   Quad. D-type Flip-Flops (with Clear)
HD74HC175 RENESAS-HD74HC175_15 Datasheet
122Kb / 9P
   Quad. D-type Flip-Flops (with Clear)
logo
Fairchild Semiconductor
DM74ALS174 FAIRCHILD-DM74ALS174_07 Datasheet
331Kb / 9P
   Hex/Quad D-Type Flip-Flops with Clear
DM74ALS174 FAIRCHILD-DM74ALS174 Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
DM74LS174 FAIRCHILD-DM74LS174 Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
DM74175 FAIRCHILD-DM74175 Datasheet
308Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
National Semiconductor ...
54LS174 NSC-54LS174 Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
54174 NSC-54174 Datasheet
150Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Hitachi Semiconductor
HD74HC175 HITACHI-HD74HC175 Datasheet
59Kb / 9P
   Quad. D-typ Flip-Flops (with Clear)
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
   Hex D-Type Flip-Flops with Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com