Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV175 Arkusz danych(PDF) 11 Page - Hitachi Semiconductor

Numer części 74LV175
Szczegółowy opis  Quad. D-type Flip-Flops with Clear
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITACHI [Hitachi Semiconductor]
Strona internetowa  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

74LV175 Arkusz danych(HTML) 11 Page - Hitachi Semiconductor

Back Button 74LV175 Datasheet HTML 7Page - Hitachi Semiconductor 74LV175 Datasheet HTML 8Page - Hitachi Semiconductor 74LV175 Datasheet HTML 9Page - Hitachi Semiconductor 74LV175 Datasheet HTML 10Page - Hitachi Semiconductor 74LV175 Datasheet HTML 11Page - Hitachi Semiconductor 74LV175 Datasheet HTML 12Page - Hitachi Semiconductor 74LV175 Datasheet HTML 13Page - Hitachi Semiconductor 74LV175 Datasheet HTML 14Page - Hitachi Semiconductor 74LV175 Datasheet HTML 15Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
HD74LV175A
11
tPLH
tPHL
VOH
VOL
0 V
VCC
VOH
VOL
tPHL
tPLH
10 %
90 %
CC
50 % V
CC
50 % V
CC
50 % V
CC
50 % V
CC
50 % V
CC
50 % V
10 %
90 %
tr
tf
tsu
th
0 V
VCC
0 V
VCC
0 V
VCC
tw
CC
50 % V
CC
50 % V
CC
50 % V
CC
50 % V
10 %
90 %
CC
50 % V
CC
50 % V
10 %
90 %
tr
tf
Timing input
Input
Data input
In phase output
Input
Out of phase output
Waveform-1
Waveform-2
1. Input waveform: PRR
≤ 1 MHz, Zo = 50 Ω, t
r ≤ 3 ns, tf ≤ 3 ns
2. The output is measured one at a time with one transition per measurement.
Notes:


Podobny numer części - 74LV175

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV174 PHILIPS-74LV174 Datasheet
121Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 May 20
logo
Texas Instruments
74LV174A TI-74LV174A Datasheet
428Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
NXP Semiconductors
74LV174D PHILIPS-74LV174D Datasheet
121Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 May 20
74LV174DB PHILIPS-74LV174DB Datasheet
121Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 May 20
74LV174N PHILIPS-74LV174N Datasheet
121Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 May 20
More results

Podobny opis - 74LV175

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HD74HC175 RENESAS-HD74HC175 Datasheet
101Kb / 7P
   Quad. D-type Flip-Flops (with Clear)
HD74HC175 RENESAS-HD74HC175_15 Datasheet
122Kb / 9P
   Quad. D-type Flip-Flops (with Clear)
logo
Fairchild Semiconductor
DM74ALS174 FAIRCHILD-DM74ALS174_07 Datasheet
331Kb / 9P
   Hex/Quad D-Type Flip-Flops with Clear
DM74ALS174 FAIRCHILD-DM74ALS174 Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
DM74LS174 FAIRCHILD-DM74LS174 Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
DM74175 FAIRCHILD-DM74175 Datasheet
308Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
National Semiconductor ...
54LS174 NSC-54LS174 Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
54174 NSC-54174 Datasheet
150Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Hitachi Semiconductor
HD74HC175 HITACHI-HD74HC175 Datasheet
59Kb / 9P
   Quad. D-typ Flip-Flops (with Clear)
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
   Hex D-Type Flip-Flops with Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com