Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC138ABQ Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74LVC138ABQ
Szczegółowy opis  3-to-8 line decoder/demultiplexer; inverting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC138ABQ Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74LVC138ABQ Datasheet HTML 1Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 2Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 3Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 4Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
74LVC138A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 19 October 2011
4 of 16
NXP Semiconductors
74LVC138A
3-to-8 line decoder/demultiplexer; inverting
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care
7.
Limiting values
[1]
The minimum input voltage ratings may be exceeded if the input current ratings are observed.
[2]
The output voltage ratings may be exceeded if the output current ratings are observed.
[3]
For SO16 packages: above 70
C the value of P
D derates linearly with 8 mW/K.
For (T)SSOP16 packages: above 60
C the value of P
D derates linearly with 5.5 mW/K.
For DHVQFN16 packages: above 60
C the value of P
D derates linearly with 4.5 mW/K.
Table 3.
Function table [1]
Input
Output
E1
E2
E3
A0
A1
A2
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
HX
X
X
X
X
HH
HHH
HHH
XH
XXX
XH
H
H
H
H
H
H
H
X
X
L
X
X
X
HH
HHH
HHH
L
L
HL
L
L
L
H
HHH
HHH
HL
L
HL
HHH
HHH
L
H
L
HH
L
HH
HHH
HH
L
HH
HL
H
HHH
L
L
HHH
HHL
HHH
HL
HHH
HHH
L
HH
L
H
HHH
HHH
HL
H
HH
HHH
HHH
HHL
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+6.5
V
IIK
input clamping current
VI <0 V
50
-
mA
VI
input voltage
[1]
0.5
+6.5
V
IOK
output clamping current
VO >VCC or VO <0 V
-
50
mA
VO
output voltage
output HIGH or LOW state
[2]
0.5
VCC +0.5
V
IO
output current
VO =0 VtoVCC
-
50
mA
ICC
supply current
-
100
mA
IGND
ground current
100
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
[3] -500
mW


Podobny numer części - 74LVC138ABQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LVC138ABQ NEXPERIA-74LVC138ABQ Datasheet
258Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 8 - 20 September 2021
74LVC138ABQ-Q100 NEXPERIA-74LVC138ABQ-Q100 Datasheet
245Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
More results

Podobny opis - 74LVC138ABQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
   3-to-8 Line Decoder/Demultiplexer; Inverting
logo
NXP Semiconductors
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
   3-to-8 line decoder/demultiplexer; inverting
September 1993
74LV138 PHILIPS-74LV138_15 Datasheet
113Kb / 17P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
74LVC138A NEXPERIA-74LVC138A Datasheet
258Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 8 - 20 September 2021
logo
NXP Semiconductors
74HC138U NXP-74HC138U Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74HC138D NXP-74HC138D Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com