Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLX90615 Arkusz danych(PDF) 1 Page - Melexis Microelectronic Systems

Numer części MLX90615
Szczegółowy opis  Infra Red Thermometer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MELEXIS [Melexis Microelectronic Systems]
Strona internetowa  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90615 Arkusz danych(HTML) 1 Page - Melexis Microelectronic Systems

  MLX90615 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90615 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90615 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90615 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90615 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90615 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90615 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90615 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90615 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
MLX90615
Infra Red Thermometer
3901090615
Page 1 of 30
Data Sheet
Rev 001
28/Aug/2008
Features and Benefits
Small size, low cost
Easy to integrate
Factory calibrated in wide temperature range:
-40 to 85 ˚C for sensor temperature and
-40 to 115 ˚C for object temperature.
High accuracy of 0.5°C over wide temperature
range (0..+50°C for both Ta and To)
High (medical) accuracy calibration
Measurement resolution of 0.02°C
SMBus compatible digital interface
Power saving mode
Customizable PWM output for continuous
reading
Embedded emissivity compensation
3V supply voltage
Applications Examples
High precision non-contact temperature
measurements;
Hand-held thermometers
Ear thermometers
Home appliances with temperature control;
Healthcare;
Livestock monitoring;
Multiple zone temperature control – up to 100
sensors can be read via common 2 wires
Ordering Information
Part No.
MLX90615
Temperature Code
E (-40
°C to 85°C)
Package Code
SG (TO-46)
Accuracy grade
Medical –DAA
Example :
MLX90615ESG-DAA
1 Functional diagram
C1 value and type may differ
in different applications
for optimum EMC
2
SCL
J1
CON1
SCL
SDA
GND
Vdd
SDA
Vdd
C1
0.1uF
3
Vss
U1
MLX90615
1
4
Figure 1 Typical application schematics –
MLX90615 connection to SMBus
2 General Description
The MLX90615 is an Infra Red thermometer for non
contact temperature measurements. Both the IR sensitive
thermopile detector chip and the signal conditioning chip
are integrated in the same TO-46 can package.
Thanks to its low noise amplifier, 16-bit ADC and powerful
DSP unit, a high accuracy and resolution of the
thermometer is achieved.
The thermometer comes factory calibrated with the digital
SMBus compatible interface enabled. Readout resolution is
0.02°C.


Podobny numer części - MLX90615

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX90615 MELEXIS-MLX90615 Datasheet
832Kb / 31P
   Infra Red Thermometer
MLX90615SSG MELEXIS-MLX90615SSG Datasheet
1Mb / 2P
   Ultra Small, Intelligent Non Contact IR Thermometer
MLX90615SSG-DAA-000-TU MELEXIS-MLX90615SSG-DAA-000-TU Datasheet
832Kb / 31P
   Infra Red Thermometer
MLX90615SSG-DAG-000-TU MELEXIS-MLX90615SSG-DAG-000-TU Datasheet
832Kb / 31P
   Infra Red Thermometer
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
   Infra Red Thermometer
More results

Podobny opis - MLX90615

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
   Infra Red Thermometer
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
   Infra Red Thermometer in TO-39 for high temperature thermometer guns
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614_15 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
logo
Marktech Corporate
LS880PP MARKTECH-LS880PP Datasheet
65Kb / 1P
   INFRA-RED LED
logo
Kingbright Corporation
AP1608F3C KINGBRIGHT-AP1608F3C Datasheet
114Kb / 4P
   INFRA-RED EMITTING DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com