Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

8TQ80 Arkusz danych(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Numer części 8TQ80
Szczegółowy opis  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Strona internetowa  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

8TQ80 Arkusz danych(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  8TQ80 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 8TQ80 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 8TQ80 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 8TQ80 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd 8TQ80 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd 8TQ80 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0639, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
8TQ080 /S
8TQ100 /S
8TQ080/S/ 8TQ100/S
SCHOTTKY RECTIFIER
Applications:
Switching power supply
Redundant power subsystems
Converters
Free-Wheeling diodes
Reverse battery protection
Features:
150℃
TJ operation
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term reliability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Dimensions: In mm / Inches
TO-220AC
Case styles
8TQ…
TO-220AC
8TQ…S
D2PAK
Dimensions in
millimeters
Symbol
Min.
Typical
Max.
A
4.55
4.70
4.85
A1
1.17
1.27
1.37
A2
2.59
2.69
2.89
b
0.71
0.81
0.96
b1
1.27
c
0.36
0.38
0.61
D
14.64
14.94
15.24
D1
8.55
8.07
8.85
E
10.01
10.16
10.31
E1
9.98
10.18
10.38
e1
5.08
H1
6.04
6.24
6.44
L
13.00
13.86
14.08
L1
3.80
ΦP
3.74
3.84
4.04
Q
2.54
2.74
2.94
Θ1
Θ2
Θ3


Podobny numer części - 8TQ80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
8TQ IRF-8TQ Datasheet
133Kb / 7P
   SCHOTTKY RECTIFIER
logo
New Jersey Semi-Conduct...
8TQ060 NJSEMI-8TQ060 Datasheet
142Kb / 1P
   Schottky Rectifiers
logo
Vishay Siliconix
8TQ060-N3 VISHAY-8TQ060-N3 Datasheet
177Kb / 7P
   Schottky Rectifier, 8 A
Revision: 29-Aug-11
8TQ060PBF VISHAY-8TQ060PBF Datasheet
115Kb / 6P
   Schottky Rectifier, 8 A
Revision: 06-Jun-08
8TQ060PBF VISHAY-8TQ060PBF Datasheet
177Kb / 7P
   Schottky Rectifier, 8 A
Revision: 29-Aug-11
More results

Podobny opis - 8TQ80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com