Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-336X Arkusz danych(PDF) 6 Page - Agilent(Hewlett-Packard)

Numer części HLMP-336X
Szczegółowy opis  T-13/4 (5 mm) Low Profile LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-336X Arkusz danych(HTML) 6 Page - Agilent(Hewlett-Packard)

  HLMP-336X Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-336X Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-336X Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-336X Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-336X Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-336X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-336X Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1-106
Electrical Specifications at TA = 25°C
Device
Test
Symbol
Description
HLMP-
Min.
Typ.
Max.
Units
Conditions
IV
Axial Luminous Intensity
3553
1.6
3.2
mcd
IF = 10 mA
3554
6.7
10.0
(Figure 18)
3567
4.2
7.0
3568
10.6
15.0
2
θ
1/2
Including Angle Between Half
3553
50
Deg.
Note 1 (Figure 21)
Luminous Intensity Points
3554
50
3567
40
3568
40
λ
PEAK
Peak Wavelength
565
nm
Measurement at
Peak (Figure 1)
λ
d
Dominant Wavelength
569
nm
Note 2
∆λ
1/2
Spectral Line Halfwidth
28
nm
τ
s
Speed of Response
500
ns
C
Capacitance
18
pF
VF = 0; f = 1 MHz
R
θ
J-PIN
Thermal Resistance
260
°C/W
Junction to
Cathode Lead
VF
Forward Voltage
2.1
2.7
V
IF = 10 mA
(Figure 17)
VR
Reverse Breakdown Voltage
5.0
V
IR = 100 µA
η
V
Luminous Efficacy
595
lm/W
Note 3
Green HLMP-355X/-356X Series
Notes:
1.
θ
1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. Dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color
of the device.
3. Radiant Intensity, Ie, in watts/steradian may be found from the equation Ie = Ivv, where Iv is the luminous intensity in candelas and
η
v is the luminous efficacy in lumens/watt.
Figure 17. Forward Current vs.
Forward Voltage.
Figure 19. Relative Efficiency
(Luminous Intensity per Unit
Current) vs. Peak Current.
Figure 18. Relative Luminous
Intensity vs. Forward Current.


Podobny numer części - HLMP-336X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Broadcom Corporation.
HLMP-336X-0000 BOARDCOM-HLMP-336X-0000 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
HLMP-336X-0001 BOARDCOM-HLMP-336X-0001 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
HLMP-336X-0002 BOARDCOM-HLMP-336X-0002 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
HLMP-336X-00R1 BOARDCOM-HLMP-336X-00R1 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
HLMP-336X-0B00 BOARDCOM-HLMP-336X-0B00 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
More results

Podobny opis - HLMP-336X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Broadcom Corporation.
HLMP-3351 BOARDCOM-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3351 AVAGO-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Broadcom Corporation.
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4700 AVAGO-HLMP-4700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com