Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-3350 Arkusz danych(PDF) 3 Page - Agilent(Hewlett-Packard)

Numer części HLMP-3350
Szczegółowy opis  T-13/4 (5 mm) Low Profile LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-3350 Arkusz danych(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-3350 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-3350 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-3350 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-3350 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-3350 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-3350 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-3350 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1-103
Electrical Specifications at TA = 25°C
Device
Test
Symbol
Description
HLMP-
Min.
Typ.
Max.
Units
Conditions
IV
Axial Luminous Intensity
3350
2.1
3.5
mcd
IF = 10 mA
3351
5.4
7.0
(Figure 8)
3365
8.6
10.0
3366
13.8
18.0
2
θ1/2
Including Angle Between Half
3350
50
Deg.
Note 1 (Figure 11)
Luminous Intensity Points
3351
50
3365
45
3366
45
λ
PEAK
Peak Wavelength
635
nm
Measurement at
Peak (Figure 1)
λ
d
Dominant Wavelength
626
nm
Note 2
∆λ
1/2
Spectral Line Halfwidth
40
nm
τ
s
Speed of Response
90
ns
C
Capacitance
11
pF
VF = 0; f = 1 MHz
R
θ
J-PIN
Thermal Resistance
260
°C/W
Junction to
Cathode Lead
VF
Forward Voltage
1.9
2.4
V
IF = 10 mA
(Figure 7)
VR
Reverse Breakdown Voltage
5.0
V
IR = 100 µA
η
V
Luminous Efficacy
145
lm/W
Note 3
High Efficiency Red HLMP-335X/-336X Series
Notes:
1.
θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. Dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color
of the device.
3. Radiant Intensity, Ie, in watts/steradian may be found from the equation Ie = Ivv, where Iv is the luminous intensity in candelas and
η
v is the luminous efficacy in lumens/watt.
Figure 8. Relative Luminous Intensity
vs. Forward Current.
Figure 7. Forward Current vs.
Forward Voltage.
Figure 9. Relative Efficiency
(Luminous Intensity per Unit Current)
vs. Peak Current.


Podobny numer części - HLMP-3350

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3350-L0000 AVAGO-HLMP-3350-L0000 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3350-L0001 AVAGO-HLMP-3350-L0001 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3350-L0002 AVAGO-HLMP-3350-L0002 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3350-L00A1 AVAGO-HLMP-3350-L00A1 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3350-L00A2 AVAGO-HLMP-3350-L00A2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results

Podobny opis - HLMP-3350

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Broadcom Corporation.
HLMP-3351 BOARDCOM-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3351 AVAGO-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Broadcom Corporation.
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4700 AVAGO-HLMP-4700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com