Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQP12N60C Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FQP12N60C
Szczegółowy opis  600V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP12N60C Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FQP12N60C Datasheet HTML 1Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 2Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 3Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 4Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 5Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 6Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 7Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 8Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.fairchildsemi.com
FQP12N60C / FQPF12N60C Rev. B1
Package Marking and Ordering Information
Electrical Characteristics T
C = 25°C unless otherwise noted
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 11mH, IAS = 12A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 12A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width
≤ 300µs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature Typical Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FQP12N60C
FQP12N60C
TO-220
-
-
50
FQPF12N60C
FQPF12N60C
TO-220F
-
-
50
Symbol
Parameter
Conditions
Min
Typ
Max Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA, TJ = 25°C
600
--
--
V
∆BVDSS
/
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250µA, Referenced to 25°C--
0.5
--
V/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 600V, VGS = 0V
VDS = 480V, TC = 125°C
--
--
--
--
1
10
µA
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30V, VDS = 0V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30V, VDS = 0V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250µA2.0
--
4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10V, ID = 6A
--
0.53
0.65
gFS
Forward Transconductance
VDS = 40V, ID = 6A
(Note 4)
--
13
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
--
1760
2290
pF
Coss
Output Capacitance
--
182
235
pF
Crss
Reverse Transfer Capacitance
--
21
28
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 300V, ID = 12A
RG = 25Ω
(Note 4, 5)
--
30
70
ns
tr
Turn-On Rise Time
--
85
180
ns
td(off)
Turn-Off Delay Time
--
140
280
ns
tf
Turn-Off Fall Time
--
90
190
ns
Qg
Total Gate Charge
VDS = 400V, ID = 12A
VGS = 10V
(Note 4, 5)
--
48
63
nC
Qgs
Gate-Source Charge
--
8.5
--
nC
Qgd
Gate-Drain Charge
--
21
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
12
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
48
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0V, IS = 12A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0V, IS = 12A
dIF/dt =100A/µs
(Note 4)
--
420
--
ns
Qrr
Reverse Recovery Charge
--
4.9
--
µC


Podobny numer części - FQP12N60C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQP12N60C FAIRCHILD-FQP12N60C Datasheet
873Kb / 10P
   FQP12N60C/FQPF12N60C
FQP12N60C FAIRCHILD-FQP12N60C Datasheet
1Mb / 10P
   600V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
FQP12N60C KERSEMI-FQP12N60C Datasheet
1Mb / 9P
   600V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP12N60C FAIRCHILD-FQP12N60C_07 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
More results

Podobny opis - FQP12N60C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com