Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF351 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części LF351
Szczegółowy opis  Single Operational Amplifier (JFET)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LF351 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  LF351 Datasheet HTML 1Page - Fairchild Semiconductor LF351 Datasheet HTML 2Page - Fairchild Semiconductor LF351 Datasheet HTML 3Page - Fairchild Semiconductor LF351 Datasheet HTML 4Page - Fairchild Semiconductor LF351 Datasheet HTML 5Page - Fairchild Semiconductor LF351 Datasheet HTML 6Page - Fairchild Semiconductor LF351 Datasheet HTML 7Page - Fairchild Semiconductor LF351 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LF351
3
Electrical Characteristics
(VCC = +15V, VEE = - 15V, TA = 25
°C. unless otherwise specified)
Note :
1. Guaranteed by design.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input Offset Voltage
VIO
RS = 10k
-5.0
10
mV
0
°C≤TA≤70 °C-
-
13
Input Offset Voltage Drift (Note1)
∆VIO/∆TRS = 10kΩ 0 °C≤TA≤70 °C-
10
-
µV/ °C
Input Offset Current
IIO
-
25
100
pA
0
°C≤TA≤70 °C
--4
nA
Input Bias Current
IBAIS
-
50
200
pA
0
°C≤TA≤70 °C
--8
nA
Input Resistance (Note1)
RI
--
1012
-
Large Signal Voltage Gain
GV
VO(P-P)=
±10V
25
100
-
V/mV
RL=2k
0
°C≤TA≤70 °C15
-
-
Output Voltage Swing
VO(P-P)
RL = 10k
Ω±12 ±13.5
-
V
Input Voltage Range
VI(R)
-
±11
+15
-12
-V
Common Mode Rejection Ratio
CMRR
RS
≤10kΩ
70
100
-
dB
Power Supply Rejection Ratio
PSRR
RS
≤10kΩ
70
100
-
dB
Power Supply Current
ICC
--
2.3
3.4
mA
Slew Rate (Note1)
SR
GV = 1
-
13
-
V/
µs
Gain-Bandwidth Product (Note1)
GBW
-
-
4
-
MHz


Podobny numer części - LF351

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
LF351 STMICROELECTRONICS-LF351 Datasheet
108Kb / 9P
   WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LF351 FAIRCHILD-LF351 Datasheet
40Kb / 8P
   Single Operational Amplifier (JFET)
logo
National Semiconductor ...
LF351 NSC-LF351 Datasheet
246Kb / 10P
   LF351 Wide Bandwidth JFET Input Operational Amplifier
logo
STMicroelectronics
LF351 STMICROELECTRONICS-LF351 Datasheet
742Kb / 9P
   WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
LF351 STMICROELECTRONICS-LF351 Datasheet
622Kb / 14P
   Wide bandwidth single JFET operational amplifiers
More results

Podobny opis - LF351

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KF351 FAIRCHILD-KF351 Datasheet
34Kb / 6P
   Single Operational Amplifier (JFET)
LF351 FAIRCHILD-LF351 Datasheet
40Kb / 8P
   Single Operational Amplifier (JFET)
logo
Tiger Electronic Co.,Lt...
LF351 TGS-LF351 Datasheet
189Kb / 5P
   Single Operational Amplifier (JFET)
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071_08 Datasheet
309Kb / 15P
   Low noise JFET single operational amplifier
TL071 STMICROELECTRONICS-TL071_07 Datasheet
287Kb / 13P
   Low noise JFET single operational amplifier
logo
Fairchild Semiconductor
LF353 FAIRCHILD-LF353 Datasheet
40Kb / 6P
   Dual Operational Amplifier (JFET)
logo
Texas Instruments
TL070ACP TI1-TL070ACP Datasheet
311Kb / 16P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL080 TI-TL080_06 Datasheet
222Kb / 13P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LF347 FAIRCHILD-LF347 Datasheet
42Kb / 6P
   Quad Operational Amplifier (JFET)
logo
Texas Instruments
LF411 TI-LF411 Datasheet
172Kb / 7P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com