Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U1271A Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części U1271A
Szczegółowy opis  U1270 Series Handheld Digital Multimeters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

U1271A Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  U1271A Datasheet HTML 1Page - List of Unclassifed Manufacturers U1271A Datasheet HTML 2Page - List of Unclassifed Manufacturers U1271A Datasheet HTML 3Page - List of Unclassifed Manufacturers U1271A Datasheet HTML 4Page - List of Unclassifed Manufacturers U1271A Datasheet HTML 5Page - List of Unclassifed Manufacturers U1271A Datasheet HTML 6Page - List of Unclassifed Manufacturers U1271A Datasheet HTML 7Page - List of Unclassifed Manufacturers U1271A Datasheet HTML 8Page - List of Unclassifed Manufacturers U1271A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
Front and Back Panel Description
OLED display with 2000:1
contrast ratio and 160
degree viewing angle
Smart Ω 1 removes residual
voltage of up to 1000 mV
Auto diode 1 automatically
determines diode polarity
Temperature measurement:
J type thermocouple
–210 to 1200 °C 1, K type
thermocouple –200 to 1732 °C
Z
LOW
1
provides both high
and low impedance modes
to eliminate stray voltages
Measure up to
1000 V AC and DC
Low Pass Filter (LPF)
removes unwanted high
frequency signals
Measure up to 10 A
(20 A for 30 s)
Front panel
1. U1272A, U1273A and U1273AX only
30,000 counts resolution
Peak detect records tran-
sients as fast as 250 μs
Once connected to any HH DMM via Bluetooth adapter you are able to log and view
measurements graphically from smart phones and tablets.


Podobny numer części - U1271A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1271A KEYSIGHT-U1271A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Podobny opis - U1271A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1272A KEYSIGHT-U1272A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273A KEYSIGHT-U1273A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com