Zakładka z wyszukiwarką danych komponentów |
|
2SC4940_2015 Arkusz danych(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd. |
|
2SC4940_2015 Arkusz danych(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd. |
1 / 3 page JMnic Product Specification Silicon NPN Power Transistors 2SC4940 DESCRIPTION ・With ITO-220 package ・Switching power transistor PINNING PIN DESCRIPTION 1 Base 2 Collector 3 Emitter Absolute maximum ratings(Ta=25℃) SYMBOL PARAMETER CONDITIONS VALUE UNIT VCBO Collector-base voltage Open emitter 1200 V VCEO Collector-emitter voltage Open base 550 V VEBO Emitter-base voltage Open collector 7 V IC Collector current 4 A ICM Collector current-Peak 8 A IB Base current 2 A IBM Base current-peak 4 A PT Total power dissipation TC=25℃ 30 W Tj Junction temperature 150 ℃ Tstg Storage temperature -55~150 ℃ THERMAL CHARACTERISTICS SYMBOL PARAMETER MAX UNIT Rth j-C Thermal resistance junction case 4.16 ℃/W Fig.1 simplified outline (ITO-220) and symbol |
Podobny numer części - 2SC4940_2015 |
|
Podobny opis - 2SC4940_2015 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |