Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC123DB Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74HC123DB
Szczegółowy opis  Dual retriggerable monostable multivibrator with reset
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC123DB Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74HC123DB Datasheet HTML 5Page - NXP Semiconductors 74HC123DB Datasheet HTML 6Page - NXP Semiconductors 74HC123DB Datasheet HTML 7Page - NXP Semiconductors 74HC123DB Datasheet HTML 8Page - NXP Semiconductors 74HC123DB Datasheet HTML 9Page - NXP Semiconductors 74HC123DB Datasheet HTML 10Page - NXP Semiconductors 74HC123DB Datasheet HTML 11Page - NXP Semiconductors 74HC123DB Datasheet HTML 12Page - NXP Semiconductors 74HC123DB Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
74HC_HCT123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 16 December 2011
9 of 25
NXP Semiconductors
74HC123; 74HCT123
Dual retriggerable monostable multivibrator with reset
trtrig
retrigger time
nA,nB; CEXT = 0 pF;
REXT = 5 k; VCC = 5.0 V;
see Figure 10
[3][4]
-110
-
-
-
-
-
ns
REXT
external timing
resistor
see Figure 7
VCC = 2.0 V
10
-
1000
-
-
-
-
k
VCC = 5.0 V
2
-
1000
-
-
-
-
k
CEXT
external timing
capacitor
VCC = 5.0 V; see Figure 7
[4]
--
-
-
-
-
-
pF
CPD
power
dissipation
capacitance
per monostable;
VI = GND to VCC
[5]
-54-
-
-
-
-
pF
74HCT123
tPHL
HIGH to LOW
propagation
delay
nRD, nA, nB to nQ or nQ;
CEXT = 0 pF; REXT =
5k
; see Figure 9
VCC = 4.5 V
-
30
51
-
64
-
77
ns
VCC = 5 V; CL =15pF
-
26
-
-
-
-
-
ns
nRD (reset) to nQ or nQ;
CEXT =0 pF;
REXT =5 k;
see Figure 9
VCC = 4.5 V
-
27
46
-
58
-
69
ns
VCC = 5 V; CL =15pF
-
23
-
-
-
-
-
ns
tPLH
LOW to HIGH
propagation
delay
nRD, nA, nB to nQ or nQ;
CEXT = 0 pF;
REXT =5 k;
see Figure 9
VCC = 4.5 V
-
28
51
-
64
-
77
ns
VCC = 5 V; CL =15pF
-
26
-
-
-
-
-
ns
nRD (reset) to nQ or nQ;
CEXT =0 pF; REXT =
5k
; see Figure 9
VCC = 4.5 V
-
23
46
-
58
-
69
ns
VCC = 5 V; CL =15pF
-
23
-
-
-
-
-
ns
tt
transition time
VCC = 4.5 V; see Figure 9
[1]
-
7
15
-
19
-
22
ns
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 12.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max


Podobny numer części - 74HC123DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC123DB PHILIPS-74HC123DB Datasheet
124Kb / 17P
   Dual retriggerable monostable multivibrator with reset
1998 Jul 08
74HC123DB NXP-74HC123DB Datasheet
155Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-13 July 2009
More results

Podobny opis - 74HC123DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com