Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA044 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części TA044
Szczegółowy opis  70 MHz High-Voltage Differential Probe Users Manual
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

TA044 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  TA044 Datasheet HTML 1Page - List of Unclassifed Manufacturers TA044 Datasheet HTML 2Page - List of Unclassifed Manufacturers TA044 Datasheet HTML 3Page - List of Unclassifed Manufacturers TA044 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6
© Copyright Pico Technology 2008
DO139-1
7. Specifications
Bandwidth
DC to 70 MHz (-3 dB)
Attenuation ratio
1:100/1000
Accuracy
±2%
Input Impedance
10 M
Ω // 10 pF each side to ground
Input Voltage
Differential Range* (1/100)
Max. Differential* (1/1000)
±700 V (DC + Peak AC) or 700 V rms
±7000 V (DC + Peak AC) or 5000 V rms
Common Mode Range*
±7000V (DC + Peak AC) or 2500 V rms
(1/100 and 1/1000)
Absolute Max. Voltage*
Common mode
±7000 V (DC + Peak AC) or 2500 V rms
(1/100 & 1/1000)
Differential mode
±7000 V (DC + Peak AC) or 5000 V rms
(1/100 & 1/1000)
Output Voltage
Swing
±7V into 50 kΩ load
Offset (typical)
<±5 mV
Noise (typical)
0.9 mV rms
Source Impedance (typical)
50
Ω
CMRR (typical)
-80 dB @ 60 Hz; -50 dB @ 1 MHz
Ambient Operating Temperature
-10 to 40
Ambient Storage Temperature
-30 to 70
Ambient Operating Humidity
25 to 85% RH
Ambient Storage Humidity
25 to 85% RH
Power Requirements
Standard
4xAA cells or 6 V DC / 200 mA mains adaptor**
or regulated 9 V DC / 120 mA mains adaptor**
Options
Power leads
Length of Input Leads
60 cm
Length of BNC Lead
90 cm
Weight
500 g
Dimension (LxWxH)
202 mm x 83 mm x 38 mm
* Voltage limit is the lesser of the DC+Peak AC and RMS values.
**
a.
The supplied voltage must be less than 12 V and greater than 4.4 V, otherwise
the probe could be damaged or might not operate properly.
b.
Polarity is “+” inside and “–” outside.
If the polarity is wrong, a built-in circuit
protects the probe so that no danger or damage will occur.
c.
When the voltage of the cells becomes too low, the power indicator on the
panel will flicker.
DO139-1
© Copyright Pico Technology 2008
3
Use proper power source
To ensure proper functioning of this probe, use four AA cells or a 6 VDC / 200 mA
mains adaptor or 9 VDC / 120 mA mains adaptor or power leads.
Do not operate the probe if it is damaged
If you suspect there is damage to this probe, have it inspected by qualified service
personnel.
3. Description
By enabling conventional oscilloscopes to display and measure in-circuit waveforms
that are referenced to high common-mode voltages, this differential probe extends
the measurement capability of oscilloscopes to electronic power converters,
inverters, motor speed controls, switch-mode power supplies and many other
applications.
4. Installation
a.
Simply plug in the BNC output connector to the vertical input of a
general-purpose oscilloscope or other measurement instrument, and connect
the auxiliary grounding terminal to a proper ground.
The measurement
instrument must have a ground reference.
b.
Install four AA cells or connect an appropriate power source to this probe.
c.
Select the proper attenuation ratio.
When measuring signals below 700 V,
switch the attenuation ratio to 1/100 in order to get higher resolution and less
noise.
Otherwise, set the attenuation to 1/1000.
WARNING
To protect against electric shock, use only the
accessories designed for use with this differential
probe.
d.
Using the appropriate probe accessories, connect the input to the circuits under
measurement.
CAUTION
This probe is designed for carrying out differential
measurements between two points on the circuit
under test.
It is not intended for electrically
insulating the circuit under test and the measuring
instrument.


Podobny numer części - TA044

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pico Technology Ltd.
TA044 PICO-TA044 Datasheet
5Mb / 21P
   Crystal-clear waveform analysis
logo
Transcom, Inc.
TA044-050-40-43 TRANSCOM-TA044-050-40-43 Datasheet
89Kb / 2P
   4.4 ~ 5.0GHz 20W High PowerAmplifier
logo
Transko Electronics, In...
TA04405AF TRANSKO-TA04405AF Datasheet
580Kb / 4P
   44.0 MHz IF SAW Filter / 5.40 MHz Bandwidth
Revision 0: 16 January 2008
TA04405BF TRANSKO-TA04405BF Datasheet
639Kb / 4P
   44.0 MHz IF SAW Filter / 5.60 MHz Bandwidth
Revision 0: 17 March 2008
TA04406AF TRANSKO-TA04406AF Datasheet
474Kb / 4P
   44.0 MHz IF SAW Filter / 6.49 MHz Bandwidth
Revision 0: 16 OCT. 2009
More results

Podobny opis - TA044

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TA058 ETC2-TA058 Datasheet
452Kb / 4P
   50 MHz 700 V Differential Probe Users Manual
TA042 ETC2-TA042 Datasheet
404Kb / 4P
   100 MHz x100/x1000 Differential Probe Users Manual
logo
Hynix Semiconductor
GMS81508A HYNIX-GMS81508A Datasheet
872Kb / 91P
   USERS MANUAL
logo
Maxim Integrated Produc...
80515-FPBM-TFP2 MAXIM-80515-FPBM-TFP2 Datasheet
1Mb / 36P
   USERS MANUAL
REV 2.3 August 8, 2011
logo
Hynix Semiconductor
GMS30C2116 HYNIX-GMS30C2116 Datasheet
1Mb / 322P
   USERS MANUAL
logo
Freescale Semiconductor...
MC68LC040RC25A FREESCALE-MC68LC040RC25A Datasheet
3Mb / 442P
   M68040 Users Manual
logo
Motorola, Inc
MC68020 MOTOROLA-MC68020 Datasheet
1Mb / 306P
   MICROPROCESSORS USERS MANUAL
logo
Freescale Semiconductor...
FRDM-KL25Z FREESCALE-FRDM-KL25Z Datasheet
1Mb / 14P
   FRDM-KL25Z Users Manual
MC68HC16Z1CAG16 FREESCALE-MC68HC16Z1CAG16 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
logo
Motorola, Inc
MC68SEC000CFU10 MOTOROLA-MC68SEC000CFU10 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com