Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KBL406G Arkusz danych(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Numer części KBL406G
Szczegółowy opis  Silicon Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENESIC [GeneSiC Semiconductor, Inc.]
Strona internetowa  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

KBL406G Arkusz danych(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  KBL406G Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. KBL406G Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. KBL406G Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 600 V - 1000 V
IO = 4 A
Features
• Ideal for printed circuit board
• Silver plated copper leads
KBL Package
• Not ESD Sensitive
Mechanical Data
Case: Molded plastic
Polarity: Marked on body
Weight: 0.167 ounce, 5 grams
Mounting position: Any
• Reliable low cost construction utilizing molded plastic
technique
Terminals: Plated terminals, solderable per MIL-STD-
202F, Method 208
Maximum ratings at Ta = 25 °C (ambient temperature), unless otherwise specified
• Types from 50 V to 400 V VRRM
KBL406G thru KBL410G
• High surge current capability
Single Phase Glass Passivated
Silicon Bridge Rectifier
Parameter
Symbol
Unit
Repetitive peak reverse voltage
VRRM
V
RMS reverse voltage
VRMS
V
DC blocking voltage
VDC
V
Operating temperature
Tj
°C
Storage temperature
Tstg
°C
Parameter
Symbol
Unit
Maximum average forward
rectified current
IO
A
Peak forward surge current
IFSM
A
Maximum instantaneous
forward voltage per leg
1000
700
1000
800
KBL406G
KBL408G
Conditions
KBL410G
800
560
420
-50 to 150
600
100
100
4
100
5
1.1
5
1.1
1.1
5
-50 to 150
4
120
120
120
Electrical characteristics at Ta = 25 °C, unless otherwise specified
-50 to 150
-50 to 150
KBL410G
-50 to 150
-50 to 150
KBL406G
KBL408G
V
Conditions
Single phase, half sine wave, 60 Hz, resistive or inductive load
For capacitive load derate current by 20%
Ta = 50 °C
4
600
Maximum reverse current at
rated DC blocking voltage per
leg
IR
VF
Ta = 125 °C
single sine-wave
μA
Ta = 25 °C
IF = 4 A
www.genesicsemi.com/silicon-products/bridge-rectifiers/
1


Podobny numer części - KBL406G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Won-Top Electronics
KBL406G WTE-KBL406G Datasheet
39Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
KBL406G GENESIC-KBL406G Datasheet
424Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Won-Top Electronics
KBL406G WTE-KBL406G Datasheet
45Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBL406G JUXING-KBL406G Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBL406G TSC-KBL406G Datasheet
68Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
More results

Podobny opis - KBL406G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CDSH-2 CENTRAL-CDSH-2 Datasheet
48Kb / 1P
   SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBPC3506TW GENESIC-GBPC3506TW Datasheet
351Kb / 4P
   Silicon Bridge Rectifier
GBU15J GENESIC-GBU15J Datasheet
344Kb / 3P
   Silicon Bridge Rectifier
KBJ4005G GENESIC-KBJ4005G Datasheet
326Kb / 3P
   Silicon Bridge Rectifier
KBL401G GENESIC-KBL401G Datasheet
308Kb / 3P
   Silicon Bridge Rectifier
logo
Central Semiconductor C...
1N4001GPP CENTRAL-1N4001GPP_15 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Chenmko Enterprise Co. ...
KBU8APT CHENMKO-KBU8APT Datasheet
81Kb / 2P
   SILICON BRIDGE RECTIFIER
W005LPT CHENMKO-W005LPT Datasheet
87Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Edal Industries, Inc.
B285 EDAL-B285 Datasheet
77Kb / 1P
   Silicon Bridge Rectifier
B901 EDAL-B901 Datasheet
75Kb / 1P
   Silicon Bridge Rectifier
logo
Chenmko Enterprise Co. ...
KBPC1005PT CHENMKO-KBPC1005PT Datasheet
94Kb / 2P
   SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com